Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54292PWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292PWPR
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54292PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54292PWPR Datasheet HTML 18Page - Texas Instruments TPS54292PWPR Datasheet HTML 19Page - Texas Instruments TPS54292PWPR Datasheet HTML 20Page - Texas Instruments TPS54292PWPR Datasheet HTML 21Page - Texas Instruments TPS54292PWPR Datasheet HTML 22Page - Texas Instruments TPS54292PWPR Datasheet HTML 23Page - Texas Instruments TPS54292PWPR Datasheet HTML 24Page - Texas Instruments TPS54292PWPR Datasheet HTML 25Page - Texas Instruments TPS54292PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
(
)
f
OUT
IN max
RIPPLE1
MIN
SW
V
V
1
14
3.3
1
I
D
0.236
0.513 A
L1
8.2 H
600 kHz
-
-
»
´
´
=
´
´
=
m
(
)
f
OUT
IN max
RIPPLE2
MIN
SW
V
V
1
14
1.2
1
I
D
0.086
0.556A
L2
3.3 H
600 kHz
-
-
»
´
´
=
´
´
=
m
(
)
(
)
(
)
(
)
(
)
2
2
2
2
2
2
1
1
1
RIPPLE
RIPPLE
L rms
L avg
OUT max
12
12
12
I
I
I
I
I
1.5
0.513
A
1.51A
=
+
»
+
=
+
=
(
)
(
)
(
)
(
)
(
)
2
2
2
2
2
2
1
1
1
RIPPLE
RIPPLE
L rms
L avg
OUT max
12
12
12
I
I
I
I
I
2.5
0.556
A
2.51A
=
+
»
+
=
+
=
(
)
(
)
1
1
RIPPLE
L peak
OUT max
2
2
I
I
I
1.5 A
0.513A
1.76 A
»
+
=
+
=
(
)
(
)
1
1
RIPPLE
L peak
OUT max
2
2
I
I
I
2.5 A
0.556A
2.78 A
»
+
=
+
=
(
)
(
)
(
)
2
2
TRAN max
OUT1 min
OUT
OVER
I
L
1A
8.2 H
C
12.4 F
3.3 V
0.2 V
V
V
´
´
m
=
=
=
m
´
´
(
)
(
)
(
)
2
2
TRAN m ax
OUT 2 m in
OUT
OVER
I
L
1A
3.3
H
C
13.7
F
1.2 V
0.2 V
V
V
´
´
m
=
=
=
m
´
´
f
RIPPLE
RIPPLE(total)
OUT
SW
MAX
RIPPLE
I
0.513 A
V
0.050 V
8 C
8 12.4 F 600kHz
ESR
0.081
I
0.513 A
æ
ö
æ
ö
-
-
ç
÷
ç
÷
´
´
´
m ´
è
ø
è
ø
=
=
=
W
f
RIPPLE
RIPPLE(total)
OUT
SW
MAX
RIPPLE
I
0.556 A
V
0.024 V
8 C
8 13.7 F 600kHz
ESR
0.028
I
0.556 A
æ
ö
æ
ö
-
-
ç
÷
ç
÷
´
´
´
m ´
è
ø
è
ø
=
=
=
W
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
(22)
(23)
The RMS current through the inductor is approximated by Equation 24 and Equation 25.
(24)
(25)
A DC current with 30% peak-to-peak ripple has an RMS current approximately 0.4% above the average current.
The peak inductor current is estimated by Equation 26 and Equation 27.
(26)
(27)
A 8.2-µH inductor with a minimum RMS current rating of 1.51 A and minimum saturation current rating of 3.7 A
must be selected. A Coilcraft MSS1048-822ML 8.2-µH, 4.38-A inductor is chosen for Channel 1 and a Coilcraft
MSS1048-332 3.3-µH inductor is chosen for Channel 2.
Output Capacitor Selection
Output capacitors are selected to support load transients and output ripple current. The minimum output
capacitance to meet the transient specification is given by Equation 28 and Equation 29.
(28)
(29)
The maximum ESR to meet the ripple specification is given by Equation 30 and Equation 31.
(30)
(31)
A single 22-µF ceramic capacitor with approximately 2.5 m
Ω of ESR is selected to provide sufficient margin for
capacitance loss due to DC voltage bias.
Input Capacitor Selection
A minimum 10-µF ceramic input capacitor on each PVDD pin is recommended. The ceramic capacitor must
handle the RMS ripple current in the input capacitor.
The RMS current in the input capacitors is estimated by Equation 32 and Equation 33.
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com