Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54292PWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292PWPR
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54292PWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS54292PWPR Datasheet HTML 23Page - Texas Instruments TPS54292PWPR Datasheet HTML 24Page - Texas Instruments TPS54292PWPR Datasheet HTML 25Page - Texas Instruments TPS54292PWPR Datasheet HTML 26Page - Texas Instruments TPS54292PWPR Datasheet HTML 27Page - Texas Instruments TPS54292PWPR Datasheet HTML 28Page - Texas Instruments TPS54292PWPR Datasheet HTML 29Page - Texas Instruments TPS54292PWPR Datasheet HTML 30Page - Texas Instruments TPS54292PWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
+
+
3.3V@1.5A
+
+
1.2V@1.5A
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
Design Example 2 (Cascading Operation)
TPS5429x can be configured as cascaded operation as shown in Figure 25. The 12-V input supply is applied to
PVDD2 and the the channel 2 output is tied to PVDD1. The channel 2 output is 3.3 V and capable of supporting
1.5 A to the load while generating power for the 1.2-V input for channel 1.
Figure 25. Cascading Operation
Design Example 2 Test Results
For Figure 26, Ch1: 12-V supply; Ch2: VOUT1 (1.2 V); Ch3: VOUT2(3.3 V). For Figure 27, Ch1: Channel 1 SW
node; Ch2: Channel 1 output ripple Ch3: Channel 2 output ripple; Ch2: Channel 2 SW node.
Figure 26. Start-Up Waveforms
Figure 27. Output Ripple and SW Nodes
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :TPS54290 TPS54291 TPS54292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com