Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN2MS10SLK-R Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2MS10SLK-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2MS10SLK-R Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JN2MS10SLK-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MB-0054-8
6/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
Ordering Information
Series
Connection Method
U: Through-hole pin
M: Pin with solder
S: Crimp socket
F: Socket with solder
Mating Key Type
None: Normal
X: Angle changed
product
Contact Size
K: #20
L: #22
Shell Size
S: connection outer dia.
(10 dia. to 15 dia.)
Receptacle / Plug
Connector Type
A: Panel mount
receptacle
D: Straight plug
E: Individual plug
F: Angle plug
Modification No. (Note 1)
JN1 H
S
10
P
L
*
S
Connection Method
P: Crimp pin
M: Pin with solder
Relay Receptacle
JN1
A
S
10 U
L
*
* -R
No. of Contacts
04: 4 pins
10:10 pins
Modification No. (Note 1)
Contact Size
K: #20
L: #22
No. of Contacts
04: 4 pins
10:10 pins
Series
Connector Type
H: For cable connection
(without flange)
K: For wall mounting
relay type (with flange)
Shell Size
S: Connection outer dia.
(10 dia. to 15 dia.)
[JN1]
Version Code
Assembly Nut Shape
S: Slim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com