Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN2MS10SLK-R Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2MS10SLK-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2MS10SLK-R Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JN2MS10SLK-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SLK-R Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MB-0054-8
9/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
Waterproof (when mated), crimp socket,
kit type (with 10 contacts and two types of
rubber bushing)
034679
JN1DS10SLK
Waterproof (when mated), crimp pin
cable dia. 5.7 to 7.3, kit type (with rubber
bushing and 10 contacts)
107656
JN1HS10PLKS3
Waterproof (when mated), crimp pin
cable dia. 5.7 to 7.3, kit type (with rubber
bushing and 10 contacts)
107656
JN1HS10PLKS2
Waterproof (when mated), crimp pin
cable dia. 5.7 to 7.3, outer diameter: 20 dia. max.
105842
JN1HS10PL4S
Waterproof (when mated), crimp pin
cable dia. 5.7 to 7.3, kit type (with rubber
bushing and 10 contacts)
107656
JN1HS10PLKS1
JN1, 2 Receptacle (4, 10pos.) for waterproof,
IP67
035565
J025-52209
Waterproof Cap
Waterproof (when mated), crimp pin
cable dia. 3.5 to 5.0, outer diameter: 20 dia. max.
105842
JN1HS10PL3S
Waterproof (when mated), crimp pin
cable dia. 3.5 to 5.0
037293
JN1HS10PL3
10
JN1
Waterproof (when mated), crimp pin
cable dia. 6.5 to 8.0
037293
JN1HS10PL2
Waterproof (when mated), crimp pin
cable dia. 5.7 to 7.3
037294
JN1KS10PL1
Wall Mount
Receptacle
Waterproof (when mated), crimp pin
cable dia. 6.5 to 8.0
037294
JN1KS10PL2
Waterproof (when mated), crimp pin
cable dia. 5.7 to 7.3
037293
JN1HS10PL1
Cable
Connecting
Receptacle
No. of
Con
tacts
Individual
Plug
Square
Flange
Receptacle
Waterproof (when mated),
crimp or solder socket (sold separately)
cable dia. 5.7 to 7.3
034678
JN1FS10SL1
90 Degree
Angle Plug
Waterproof (when mated),
crimp or solder socket (sold separately)
cable dia. 6.5 to 8.0
034678
JN1FS10SL2
Waterproof (when mated), crimp socket, kit type
(with 10 contacts and two types of rubber
bushing)
034678
JN1FS10SLK
Waterproof (when mated),
crimp or solder socket (sold separately)
cable dia. 5.7 to 7.3
034679
JN1DS10SL1
Straight
Plug
Non-waterproof, crimp socket, individual block
034677
JN1ES10SL1
Individually waterproofed, solder pin
105745
JN1AS10ML2-R
Waterproof (when mated), solder pin
105743
JN1AS10ML1-R
Waterproof (when mated), through-hole pin
034676
JN1AS10UL1
Rectangular
Flange
Receptacle
034679
034679
SJ
Drawing
Waterproof (when mated),
crimp or solder socket (sold separately)
cable dia. 3.5 to 5.0
JN1DS10SL3
Waterproof (when mated),
crimp or solder socket (sold separately)
cable dia. 6.5 to 8.0
JN1DS10SL2
Performance / Shape
Part Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com