Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB1200V1 Datasheet(PDF) 1 Page - EPCOS

Part # ASB1200V1
Description  Pressure Sensors for Barometric Measurements in Consumer Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASB1200V1 Datasheet(HTML) 1 Page - EPCOS

  ASB1200V1 Datasheet HTML 1Page - EPCOS ASB1200V1 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.epcos.com
The
ASB1200V
and
T5300
pressure sensors are the world’s
most compact, fully functional
and packaged SMT barometric
transmitters. They are optimized
for absolute pressure measure-
ments of 300 to 1200 mbar.
The ASB1200V1 and ASB1200VR
sensors are gel-protected baro-
metric pressure transmitters with
a calibrated interface. They are
designed for low voltage appli-
cations. The heart of the new
ASB1200V sensors is a piezo-
resistive sensor chip, which is
mounted in hybrid technology
together with the semiconductor
ASIC. The ASB1200V1 provides
an analog output voltage of 0 to
1 V, while the ASB1200VR deliv-
ers a ratiometric output voltage.
The ASB1200V sensor’s package
features a gel-protected stainless
steel pressure port, which is
suitable for the integration in IP64
applications. Potential applica-
tions for the pressure sensors
include cameras with altimeter
function, cycling computers, gas
analyzers and meters, or HVAC
systems in buildings. Digital inter-
faces with a resolution of 14 bits
are in development.
The
T5300
digital
pressure
transmitter in CSMP® (chip-sized
MEMS package) technology is the
world’s most compact packaged
sensor of its kind. It provides
a 14 bit resolution at the serial
digital interface. Together with a
GPS-determined location, the
altitude measurement permits
precise 3D positioning. Applica-
tions include navigation devices
with 3D maps. Moreover, it also
enables position information accu-
rate to within a single story of a
building for emergency calls from
mobile phones.
Pr essur e Sensors
for Barometric Measurements in Consumer Applications
Product Brief 2009


Similar Part No. - ASB1200V1

ManufacturerPart #DatasheetDescription
logo
EPCOS
ASB1200E EPCOS-ASB1200E Datasheet
219Kb / 8P
Barometric pressure transducer for SMT
More results

Similar Description - ASB1200V1

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
Miniature amplified barometric pressure sensors
logo
EPCOS
B58610A0000A001 EPCOS-B58610A0000A001 Datasheet
219Kb / 8P
Pressure sensors Barometric pressure transducer for SMT
B58620A0010A001 EPCOS-B58620A0010A001 Datasheet
169Kb / 7P
Pressure sensors Barometric pressure transmitters for SMT (voltage output)
ASB1200E EPCOS-ASB1200E Datasheet
219Kb / 8P
Barometric pressure transducer for SMT
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
Barometric pressure transmitters for SMT
logo
Fujikura Ltd.
FPBS-04A FUJIKURA-FPBS-04A Datasheet
268Kb / 4P
Barometric pressure measurable
logo
Sensortechnics GmbH
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
Miniature amplified barometric pressure sensors
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
Digital Barometric Pressure Sensor
Copyright 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com