Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB1200V1 Datasheet(PDF) 2 Page - EPCOS

Part # ASB1200V1
Description  Pressure Sensors for Barometric Measurements in Consumer Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASB1200V1 Datasheet(HTML) 2 Page - EPCOS

  ASB1200V1 Datasheet HTML 1Page - EPCOS ASB1200V1 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
© EPCOS A G 2009 · Corporate Center · Edition 05/2009
Or dering No. EPC : 69002-7600 · Printed in Germany · PB 05091.
Important information: Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our
knowledge of typical requirements that are often placed on our products. We expressly point out that these statements cannot be regarded as binding statements about the suit-
ability of our products for a particular customer application. It is incumbent on the customer to check and decide whether a product is suitable for use in a particular application.
This publication is only a brief product survey which may be changed from time to time. Our products are described in detail in our data sheets. The Important Notes
(www.epcos.com/ImportantNotes) and the product-specific warnings and cautions must be observed. All relevant information is available through our sales offices.
ASB1200V1/ASB1200VR in SMD package
T5300 in CSMP® technology
Pressure measurement
Absolute
Absolute
Absolute
Measurement media
Inert moist gases
Inert moist gases
Inert gases
Output signal
0 … 1 V
Ratiometric
Serial bus
Pressure from
Front side
Front side
Back side
Construction / type
ASB1200V1
ASB1200VR
T5300
Dimensions
Chip size / footprint
mm
4 x 4
4 x 4
2.2 x 2.6
Total height (max.)
mm
2.5
2.5
0.9
Flange diameter
mm
3.5
3.5
Maximum ratings
Measuring range
mbar (hPa)
300 ... 1200
300 ... 1200
300 ... 1200
Storage temperature T
st
°C
-40 ... +125
-40 ... +125
-40 ... +125
Operating temperature T
a
°C
-40 … +85
-40 ... +85
-40 ... +85
Supply voltage (max.) V
DD
V
2.7 … 5.5
2.7 … 5.5
2.7 ... 5.5
Output
Pressure resolution
11 DAC
11 DAC
14 bit
Temperature resolution
bit
11
Interfaces
Analog 0 ... 1 V
10 … 90% ratiometric
I2C, SPI
Soldering temperature
°C
260; 10 s
260; 10 s
260; 10 s
Ordering code
Upon request
Upon request
Upon request
Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com