Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC541APW
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC541APW Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC541APW Datasheet HTML 1Page - Texas Instruments SN74LVC541APW Datasheet HTML 2Page - Texas Instruments SN74LVC541APW Datasheet HTML 3Page - Texas Instruments SN74LVC541APW Datasheet HTML 4Page - Texas Instruments SN74LVC541APW Datasheet HTML 5Page - Texas Instruments SN74LVC541APW Datasheet HTML 6Page - Texas Instruments SN74LVC541APW Datasheet HTML 7Page - Texas Instruments SN74LVC541APW Datasheet HTML 8Page - Texas Instruments SN74LVC541APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
SN54LVC541A . . . J OR W PACKAGE
SN74LVC541A . . . DB, DGV, DW, NS,
OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
Y3
Y4
Y5
A3
A4
A5
A6
A7
SN54LVC541A . . . FK PACKAGE
(TOP VIEW)
SN74LVC541A . . . RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
A1
A2
A3
A4
A5
A6
A7
A8
DESCRIPTION/ORDERING INFORMATION
SN54LVC541A, SN74LVC541A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS298M – JANUARY 1993 – REVISED MAY 2005
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Operate From 1.65 V to 3.6 V
•
Latch-Up Performance Exceeds 250 mA Per
•
Inputs Accept Voltages to 5.5 V
JESD 17
•
Max tpd of 5.1 ns at 3.3 V
•
ESD Protection Exceeds JESD 22
•
Typical VOLP (Output Ground Bounce) < 0.8 V
– 2000-V Human-Body Model (A114-A)
at VCC = 3.3 V, TA = 25°C
– 200-V Machine Model (A115-A)
•
Typical VOHV (Output VOH Undershoot) > 2 V at
VCC = 3.3 V, TA = 25°C
– 1000-V Charged-Device Model (C101)
ABC
•
Support Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
The SN54LVC541A octal buffer/driver is designed for 2.7-V to 3.6-V VCC operation, and the SN74LVC541A octal
buffer/driver is designed for 1.65-V to 3.6-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVC541ARGYR
LC541A
Tube of 25
SN74LVC541ADW
SOIC – DW
LVC541A
Reel of 2000
SN74LVC541ADWR
SOP – NS
Reel of 2000
SN74LVC541ANSR
LVC541A
–40°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC541ADBR
LC541A
Tube of 70
SN74LVC541APW
TSSOP – PW
Reel of 2000
SN74LVC541APWR
LC541A
Reel of 250
SN74LVC541APWT
TVSOP – DGV
Reel of 2000
SN74LVC541ADGVR
LC541A
CDIP – J
Tube of 20
SNJ54LVC541AJ
SNJ54LVC541AJ
–55°C to 125°C
CFP – W
Tube of 85
SNJ54LVC541AW
SNJ54LVC541AW
LCCC – FK
Tube of 55
SNJ54LVC541AFK
SNJ54LVC541AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC541APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC541APW TI-SN74LVC541APW Datasheet
590Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUT
SN74LVC541APW TI-SN74LVC541APW Datasheet
802Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC541APW TI2-SN74LVC541APW Datasheet
2Mb / 39P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2014
SN74LVC541APW TI2-SN74LVC541APW Datasheet
2Mb / 46P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2026
SN74LVC541APW.B TI2-SN74LVC541APW.B Datasheet
2Mb / 39P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2014
More results

Similar Description - SN74LVC541APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com