Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APW Datasheet (PDF) - Texas Instruments

SN74LVC541APW Datasheet PDF - Texas Instruments
Part # SN74LVC541APW
Download  SN74LVC541APW Download
File Size   2280.55 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs

SN74LVC541APW Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC541APW Datasheet PDF - Texas Instruments

Part # SN74LVC541APW
Download  SN74LVC541APW Click to download

File Size   2280.55 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs

SN74LVC541APW Datasheet (HTML) - Texas Instruments


SN74LVC541APW Product details

1 Features
1• Operate From 1.65 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max tpd of 5.1 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Support Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
3.3-V VCC)
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 250 mA
Per JESD 17
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
• On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.

2 Applications
• Servers
• PCs and Notebooks
• Network Switches
• Wearable Health and Wellness Devices
• Telecom Infrastructures
• Electronic Points of Sale

3 Description
The SN54LVC541A octal buffer/driver is designed for
2.7-V to 3.6-V VCC operation, and the SN74LVC541A
octal buffer/driver is designed for 1.65-V to 3.6-V VCC
operation.




Similar Part No. - SN74LVC541APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC541APW TI-SN74LVC541APW Datasheet
590Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUT
SN74LVC541APW TI-SN74LVC541APW Datasheet
802Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC541APW TI-SN74LVC541APW Datasheet
830Kb / 23P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC541APW TI2-SN74LVC541APW Datasheet
2Mb / 46P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2026
SN74LVC541APW.B TI2-SN74LVC541APW.B Datasheet
2Mb / 46P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2026
More results


Similar Description - SN74LVC541APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com