Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC541APW
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APW Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC541APW Datasheet HTML 1Page - Texas Instruments SN74LVC541APW Datasheet HTML 2Page - Texas Instruments SN74LVC541APW Datasheet HTML 3Page - Texas Instruments SN74LVC541APW Datasheet HTML 4Page - Texas Instruments SN74LVC541APW Datasheet HTML 5Page - Texas Instruments SN74LVC541APW Datasheet HTML 6Page - Texas Instruments SN74LVC541APW Datasheet HTML 7Page - Texas Instruments SN74LVC541APW Datasheet HTML 8Page - Texas Instruments SN74LVC541APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
OE1
OE2
To Seven Other Channels
A1
Y1
1
19
2
18
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LVC541A, SN74LVC541A
SCAS298N – JANUARY 1993 – REVISED JUNE 2014
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
1 Features
2 Applications
1
•
Operate From 1.65 V to 3.6 V
•
Servers
•
Inputs Accept Voltages to 5.5 V
•
PCs and Notebooks
•
Max tpd of 5.1 ns at 3.3 V
•
Network Switches
•
Typical VOLP (Output Ground Bounce)
•
Wearable Health and Wellness Devices
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Telecom Infrastructures
•
Typical VOHV (Output VOH Undershoot)
•
Electronic Points of Sale
>2 V at VCC = 3.3 V, TA = 25°C
3 Description
•
Support Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
The SN54LVC541A octal buffer/driver is designed for
3.3-V VCC)
2.7-V to 3.6-V VCC operation, and the SN74LVC541A
octal buffer/driver is designed for 1.65-V to 3.6-V VCC
•
Ioff Supports Live Insertion, Partial-Power-Down
operation.
Mode, and Back-Drive Protection
•
Latch-Up Performance Exceeds 250 mA
Device Information(1)
Per JESD 17
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
ESD Protection Exceeds JESD 22
SSOP (20)
7.20 mm × 5.30 mm
–
2000-V Human-Body Model (A114-A)
TVSOP (20)
5.00 mm × 4.40 mm
–
200-V Machine Model (A115-A)
SN74LVC541A
VQFN (20)
4.50 mm × 3.50 mm
–
1000-V Charged-Device Model (C101)
SOIC (20)
12.80 mm × 7.50 mm
TSSOP (20)
6.50 mm × 4.40 mm
•
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC541APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC541APW TI-SN74LVC541APW Datasheet
590Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUT
SN74LVC541APW TI-SN74LVC541APW Datasheet
802Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC541APW TI-SN74LVC541APW Datasheet
830Kb / 23P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC541APW TI2-SN74LVC541APW Datasheet
2Mb / 46P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2026
SN74LVC541APW.B TI2-SN74LVC541APW.B Datasheet
2Mb / 46P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2026
More results

Similar Description - SN74LVC541APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com