Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APW Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC541APW
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC541APW Datasheet HTML 2Page - Texas Instruments SN74LVC541APW Datasheet HTML 3Page - Texas Instruments SN74LVC541APW Datasheet HTML 4Page - Texas Instruments SN74LVC541APW Datasheet HTML 5Page - Texas Instruments SN74LVC541APW Datasheet HTML 6Page - Texas Instruments SN74LVC541APW Datasheet HTML 7Page - Texas Instruments SN74LVC541APW Datasheet HTML 8Page - Texas Instruments SN74LVC541APW Datasheet HTML 9Page - Texas Instruments SN74LVC541APW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
SN54LVC541A, SN74LVC541A
SCAS298N – JANUARY 1993 – REVISED JUNE 2014
www.ti.com
7.5 Electrical Characteristics—DC Limit Changes
over recommended operating free-air temperature range (unless otherwise noted)
–55°C TO 125°C
–40°C TO 85°C
–40°C TO 125°C
PARAMETER
TEST CONDITIONS
VCC
SN54LVC541A
SN74LVC541A
SN74LVC541A
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V to
VCC – 0.2
VCC – 0.3
3.6 V
IOH = –100 μA
2.7 V to
VCC – 0.2
3.6 V
IOH = –4 mA
1.65 V
1.20
1.20
VOH
V
IOH = –8 mA
2.3 V
1.7
1.7
2.7 V
2.2
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
2.2
1.65 V to
0.2
0.3
3.6 V
IOL = 100 μA
2.7 V to
0.2
3.6 V
VOL
V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.7
0.7
IOL = 12 mA
2.7 V
0.4
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
IOZ
VO = 0 to 5.5 V
3.6 V
±15
±10
±10
μA
VI = VCC or GND
10
10
10
ICC
IO = 0
3.6 V
μA
3.6 V
≤ VI ≤ 5.5 V
(2)
10
10
10
One input at VCC – 0.6 V,
2.7 V to
ΔICC
500
500
500
μA
Other inputs at VCC or GND
3.6 V
Ci
VI = VCC or GND
3.3 V
4
4
4
pF
Co
VO = VCC or GND
3.3 V
5.5
5.5
5.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
6
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com