Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341IDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341IDBVR
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341IDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV341IDBVR Datasheet HTML 6Page - Texas Instruments TLV341IDBVR Datasheet HTML 7Page - Texas Instruments TLV341IDBVR Datasheet HTML 8Page - Texas Instruments TLV341IDBVR Datasheet HTML 9Page - Texas Instruments TLV341IDBVR Datasheet HTML 10Page - Texas Instruments TLV341IDBVR Datasheet HTML 11Page - Texas Instruments TLV341IDBVR Datasheet HTML 12Page - Texas Instruments TLV341IDBVR Datasheet HTML 13Page - Texas Instruments TLV341IDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
SOURCE CURRENT
vs
OUTPUT VOLTAGE
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
Figure 6
SOURCE CURRENT
vs
OUTPUT VOLTAGE
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
SINK CURRENT
vs
OUTPUT VOLTAGE
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
Figure 7
0.01
0.1
1
10
100
1000
SINK CURRENT
vs
OUTPUT VOLTAGE
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
Figure 8
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com