Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341IDBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341IDBVR
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341IDBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV341IDBVR Datasheet HTML 8Page - Texas Instruments TLV341IDBVR Datasheet HTML 9Page - Texas Instruments TLV341IDBVR Datasheet HTML 10Page - Texas Instruments TLV341IDBVR Datasheet HTML 11Page - Texas Instruments TLV341IDBVR Datasheet HTML 12Page - Texas Instruments TLV341IDBVR Datasheet HTML 13Page - Texas Instruments TLV341IDBVR Datasheet HTML 14Page - Texas Instruments TLV341IDBVR Datasheet HTML 15Page - Texas Instruments TLV341IDBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SLEW RATE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
1.5
2
2.5
3
3.5
4
4.5
5
Rising Edge
Falling Edge
RL = 10 kΩ
AV = 1
VI = 0.8 VPP for V+ < 2.7 V
VI = 2 VPP for V+ > 2.7 V
Figure 13
SLEW RATE
vs
TEMPERATURE
VCC − Supply Voltage − V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
−40
−20
0
20
40
60
80
100
120
140
RL = 10 kΩ
AV = 1
VI = 2 VPP
V+ = 2.7 V
Rising Edge
Falling Edge
Figure 14
SLEW RATE
vs
TEMPERATURE
VCC − Supply Voltage − V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
−40
−20
0
20
40
60
80
100
120
140
RL = 10 kΩ
AV = 1
VI = 2 VPP
V+ = 5 V
Rising Edge
Falling Edge
Figure 15
CMRR
vs
FREQUENCY
0
10
20
30
40
50
60
70
80
90
100
100
1K
10K
100K
1M
f − Frequency − Hz
5 V
VI = V+ /2
RL = 5 kΩ
2.7 V
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com