Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3318CPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TRS3318CPWR
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318CPWR Datasheet(HTML) 4 Page - Texas Instruments

  TRS3318CPWR Datasheet HTML 1Page - Texas Instruments TRS3318CPWR Datasheet HTML 2Page - Texas Instruments TRS3318CPWR Datasheet HTML 3Page - Texas Instruments TRS3318CPWR Datasheet HTML 4Page - Texas Instruments TRS3318CPWR Datasheet HTML 5Page - Texas Instruments TRS3318CPWR Datasheet HTML 6Page - Texas Instruments TRS3318CPWR Datasheet HTML 7Page - Texas Instruments TRS3318CPWR Datasheet HTML 8Page - Texas Instruments TRS3318CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
Electrical Characteristics
ESD Protection
TRS3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
SLLS820 – AUGUST 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
6
V
V+
Positive supply voltage range(2)
–0.3
7
V
V–
Negative supply voltage range(2)
–7
0.3
V
V+ + IV–I
Supply voltage differential(2)
13
V
DIN, FORCEON, FORCEOFF to GND
–0.3
6
VI
Input voltage
V
RIN to GND
±25
DOUT to GND
±13.2
VO
Output voltage
V
ROUT, INVALID, READY to GND
–0.3
VCC + 0.3
Short-circuit duration
DOUT to GND
Continuous
16-pin SSOP (derate 7.14 mW/
°C above 70°C)
571
Continuous power dissipation
20-pin SSOP (derate 8 mW/
°C above 70°C
640
mW
(TA = 70°C)
20-pin TSSOP (derate 7 mW/
°C above 70°C)
559
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
V+ and V– can have maximum magnitudes of 7 V, but their absolute difference cannot exceed 13 V.
See Figure 4
MIN NOM
MAX UNIT
Supply voltage
2.25
2.5
3
V
DIN, FORCEOFF,
VIH
Driver and control high-level input voltage
VCC = 2.5 V to 3 V
0.7
× V
CC
5.5
V
FORCEON
DIN, FORCEOFF,
VIL
Driver and control low-level input voltage
VCC = 2.5 V to 3 V
0
0.3
× V
CC
V
FORCEON
VI
Receiver input voltage
–25
25
V
TRS3318C
0
70
TA
Operating free-air temperature
°C
TRS3318I
–40
85
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1) MAX
UNIT
DC Characteristics (VCC = 2.5 V, TA = 25°C)
Auto-powerdown plus supply current
FORCEON = GND, FORCEOFF = VCC, All RIN and DIN idle
1
10
μA
Auto-powerdown supply current
FORCEOFF = GND
1
10
μA
Supply current
FORCEON = FORCEOFF = VCC, No load
0.3
2
mA
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Human-Body Model (HBM)
±15
RIN, DOUT
IEC 61000-4-2 Air-Gap Discharge method
±8
kV
IEC 61000-4-2 Contact Discharge method
±8
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TRS3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com