Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3318CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # TRS3318CPWR
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRS3318CPWR Datasheet HTML 6Page - Texas Instruments TRS3318CPWR Datasheet HTML 7Page - Texas Instruments TRS3318CPWR Datasheet HTML 8Page - Texas Instruments TRS3318CPWR Datasheet HTML 9Page - Texas Instruments TRS3318CPWR Datasheet HTML 10Page - Texas Instruments TRS3318CPWR Datasheet HTML 11Page - Texas Instruments TRS3318CPWR Datasheet HTML 12Page - Texas Instruments TRS3318CPWR Datasheet HTML 13Page - Texas Instruments TRS3318CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
14
1
10
15
20
9
GND
18
13
6
5
4
2
RIN1 16
DOUT2 8
V−
7
V+
3
19
2.5 V
5k
5k
RS-232-Compatible
Outputs
RS-232-Compatible
Inputs
To Power-Management Unit
Auto-Powerdown
Plus
C1+
C1−
C2+
C2−
DIN1
DIN2
ROUT1
READY
FORCEON
17
RIN2
11
INVALID
FORCEOFF
0.1 mF
+
+
+
+
+
C3
0.1 mF
C4
0.1 mF
C1
0.1 mF
C2
0.1 mF
CBYPASS
VCC
12
ROUT2
DOUT1
RIN1
VCC
TRS3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
SLLS820 – AUGUST 2007
Figure 5. Typical Application Circuit
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TRS3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com