Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4897NF Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4897NF
Description  Power MOSFET 30 V, 171 A, Single N?묬hannel, SO?? FL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4897NF Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4897NF Datasheet HTML 1Page - ON Semiconductor NTMFS4897NF Datasheet HTML 2Page - ON Semiconductor NTMFS4897NF Datasheet HTML 3Page - ON Semiconductor NTMFS4897NF Datasheet HTML 4Page - ON Semiconductor NTMFS4897NF Datasheet HTML 5Page - ON Semiconductor NTMFS4897NF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTMFS4897NF
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
4.2 V thru 10 V
2.8 V
3.2 V
3.0 V
210
0.0025
0
110
1.0
1.0E−04
1.0E−01
02
1
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
2
0.006
0
4
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−50
25
0
−25
50
75
23
15
10
30
3
VDS = 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 4.5 V
125
ID = 20 A
VGS = 10 V
40
0
45
TJ = 25°C
20
VGS = 4.0 V
1.8
1.0E−06
41
630
0.0010
70
3.4 V
3.6 V
3.8 V
60
20
300
20
300
ID = 20 A
TJ = 25°C
8
VGS = 10 V
100
TJ = 25°C
10
5
80
1.5
10
0.0035
25
80
100
180
220
260
100
260
0.002
0.004
0.008
130
190
150
1.5
0.6
150
0.010
140
180
1.0E−02
5
0.7
1.2
VGS = 0 V
TJ = 150°C
TJ = 125°C
TJ = 25°C
0.8
0.9
1.1
1.3
1.4
1.6
1.7
50
170
90
0.0005
0.0015
0.0020
0.0030
57
9
3
2.5
3.5
4.5
60
120
160
200
220
240
280
40
120
140
160
200
240
280
1.0E−03
1.0E−05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com