Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC202 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RC202
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RC202 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RC202 Datasheet HTML 1Page - Rectron Semiconductor RC202 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Reverse voltage to 1000v
* Surge overload ratings to 50 amperes peak
* Good for printed circuit board assembly
* Mounting position: Any
* Weight: 1.88 grams
* Silver-plated copper leads
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RC201
THRU
RC207
RC-2
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
60
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 125
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
RC201
RC202
RC203
RC204
RC205
RC206
RC207
Maximum Average Forward Output Current at TA = 25
oC
Storage Temperature Range
50
100
200
400
600
800
1000
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
1
mAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 100
oC
RC201
RC202
RC203
RC204
RC205
RC206
RC207
DC Blocking Voltage per element
Element at 2.0A DC
10
uAmps
.032 (0.8)
.028 (0.7)
.220 (5.6)
.180 (4.6)
.220 (5.6)
.180 (4.6)
(30.5)
(25.4)
1.2
1.0
MIN.
MIN.
POS.
LEAD
.290 (7.4)
.270 (6.9)
.394 (10.0)
.374 (9.5)
MECHANICAL DATA


Similar Part No. - RC202

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
RC202 JGD-RC202 Datasheet
121Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Dc Components
RC202 DCCOM-RC202 Datasheet
392Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
RC202 LRC-RC202 Datasheet
51Kb / 2P
2.0A WOM BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
RC202 MIC-RC202 Datasheet
100Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
RC202 CHONGQING-RC202 Datasheet
41Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RC202

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA200G RECTRON-MDA200G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
DB201S RECTRON-DB201S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS201 RECTRON-RS201 Datasheet
190Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
DB201 RECTRON-DB201 Datasheet
86Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2021-07 REV:A
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
KBP2005G RECTRON-KBP2005G Datasheet
149Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2021-06/9 REV: H
MSB201S RECTRON-MSB201S Datasheet
210Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB20XS-T-A01 RECTRON-MSB20XS-T-A01 Datasheet
196Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
RBU201M RECTRON-RBU201M Datasheet
269Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2018-10 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com