Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC202 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RC202
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RC202 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RC202 Datasheet HTML 1Page - Rectron Semiconductor RC202 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( RC201 THRU RC207 )
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
4
6 8 10
20
40 60
100
60
50
40
30
20
0
8.3ms Single Half Sine-Wave
(JEDED Method)
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 2 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
20
40
60
80
100
120
140
2.0
0
.5
1.0
1.5
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ = 25
TJ = 100
0
20
40
60
80
100
120
140
10
6
4
2
1.0
.6
.4
.01
.02
.04
.06
.1
.2
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25
Pulse Width = 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
20
10
7
5
3
1.0
.5
.3
.1
.05
.02
.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com