Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS10ASJ-06 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FS10ASJ-06
Description  HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS10ASJ-06 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FS10ASJ-06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS10ASJ-06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS10ASJ-06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS10ASJ-06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan.1999
FS10ASJ-06
OUTLINE DRAWING
Dimensions in mm
MP-3
MITSUBISHI Nch POWER MOSFET
FS10ASJ-06
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
V
V
A
A
A
A
A
W
°C
°C
g
60
±20
10
40
10
10
40
30
–55 ~ +150
–55 ~ +150
0.26
VGS = 0V
VDS = 0V
L = 100
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
—
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡4V DRIVE
¡VDSS ................................................................................. 60V
¡rDS (ON) (MAX) ............................................................. 70m
Ω
¡ID ........................................................................................ 10A
¡Integrated Fast Recovery Diode (TYP.) ............ 55ns
6.5
2.3
0.9MAX.
2.3
1.0
0.5
± 0.1
0.5
± 0.2
0.8
5.0
± 0.2
A
q GATE
w DRAIN
e SOURCE
r DRAIN
wr
q
qwe
r
e


Similar Part No. - FS10ASJ-06

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FS10ASJ-06 POWEREX-FS10ASJ-06 Datasheet
43Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS10ASJ-06 RENESAS-FS10ASJ-06 Datasheet
78Kb / 5P
MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FS10ASJ-06 ISC-FS10ASJ-06 Datasheet
379Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS10ASJ-06F RENESAS-FS10ASJ-06F Datasheet
103Kb / 7P
High-Speed Switching Use Nch Power MOS FET
logo
VBsemi Electronics Co.,...
FS10ASJ-06F-T13 VBSEMI-FS10ASJ-06F-T13 Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - FS10ASJ-06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS14SM-12 RENESAS-FS14SM-12_15 Datasheet
104Kb / 7P
HIGH-SPEED SWITCHING USE
FS16SM-10 RENESAS-FS16SM-10_15 Datasheet
104Kb / 7P
HIGH-SPEED SWITCHING USE
FS16VS-10 RENESAS-FS16VS-10_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS18SM-10 RENESAS-FS18SM-10_15 Datasheet
105Kb / 7P
HIGH-SPEED SWITCHING USE
FS20VS-6 RENESAS-FS20VS-6_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KM-2 RENESAS-FS30KM-2_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KMH-2 RENESAS-FS30KMH-2_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KMJ-03 RENESAS-FS30KMJ-03_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30VS-06 RENESAS-FS30VS-06_15 Datasheet
98Kb / 7P
HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com