Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACDN044 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACDN044
Description  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN044 Datasheet(HTML) 1 Page - ON Semiconductor

  PACDN044 Datasheet HTML 1Page - ON Semiconductor PACDN044 Datasheet HTML 2Page - ON Semiconductor PACDN044 Datasheet HTML 3Page - ON Semiconductor PACDN044 Datasheet HTML 4Page - ON Semiconductor PACDN044 Datasheet HTML 5Page - ON Semiconductor PACDN044 Datasheet HTML 6Page - ON Semiconductor PACDN044 Datasheet HTML 7Page - ON Semiconductor PACDN044 Datasheet HTML 8Page - ON Semiconductor PACDN044 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Transient Voltage Suppressors
and ESD Protectors
PACDN042/43/44/45/46
©2010 SCILLC. All rights reserved.
Publication Order Number:
June 2010 Rev. 4
PACDN042/43/44/45/46/D
Features
•
Two, three, four, five, or six transient voltage
suppressors
•
Compact SMT package saves board space and
facilitates layout in space-critical applications
•
In-system ESD protection to
±20kV contact
discharge, per the IEC 61000-4-2 international
standard
•
Lead-free packaging
Applications
•
ESD protection of PC ports, including USB ports,
serial ports, parallel ports, IEEE1394 ports,
docking ports, proprietary ports, etc.
•
Protection of interface ports or IC pins which are
exposed to high ESD levels
Product Description
The
PACDN042/43/44/45/46 family of transient
voltage suppressor arrays provide a very high level of
protection for sensitive electronic components that
may be subjected to electrostatic discharge (ESD).
The PACDN042/43/44/45/46 devices safely dissipate
ESD
strikes,
exceeding
the
IEC
61000-4-2
International
Standard,
Level
4
(±8kV
contact
discharge). All pins are rated to withstand ±20kV
ESD
pulses
using
the IEC
61000-4-2 contact
discharge method. Using the MIL-STD-883D (Method
3015) specification for Human Body Model (HBM)
ESD, all pins are protected from contact discharges
of greater than ±30kV.


Similar Part No. - PACDN044

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN044 CALMIRCO-PACDN044 Datasheet
204Kb / 14P
Transient Voltage Suppressors / ESD Protectors
PACDN044T CALMIRCO-PACDN044T Datasheet
204Kb / 14P
Transient Voltage Suppressors / ESD Protectors
PACDN044TR CALMIRCO-PACDN044TR Datasheet
204Kb / 14P
Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
PACDN044TR ONSEMI-PACDN044TR Datasheet
235Kb / 14P
Transient Voltage Suppressors
October, 2016 ??Rev. 7
logo
California Micro Device...
PACDN044Y5 CALMIRCO-PACDN044Y5 Datasheet
204Kb / 14P
Transient Voltage Suppressors / ESD Protectors
More results

Similar Description - PACDN044

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com