Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8531 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8531 Datasheet HTML 1Page - NXP Semiconductors PCF8531 Datasheet HTML 2Page - NXP Semiconductors PCF8531 Datasheet HTML 3Page - NXP Semiconductors PCF8531 Datasheet HTML 4Page - NXP Semiconductors PCF8531 Datasheet HTML 5Page - NXP Semiconductors PCF8531 Datasheet HTML 6Page - NXP Semiconductors PCF8531 Datasheet HTML 7Page - NXP Semiconductors PCF8531 Datasheet HTML 8Page - NXP Semiconductors PCF8531 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1.
General description
The PCF8531 is a low-power CMOS1 LCD row and column driver, designed to drive dot
matrix graphic displays at multiplex rates of 1:17, 1:26, and 1:34. Furthermore, it can drive
up to 128 icons. All necessary functions for the display are provided in a single chip,
including on-chip generation of VLCD and the LCD bias voltages, resulting in a minimum of
external components and low power consumption. The PCF8531 is compatible with most
microcontrollers and communicates via a two-line bidirectional I2C-bus. All inputs are
CMOS compatible.
Remark: The icon mode is used to reduce current consumption. When only icons are
displayed, a much lower operating voltage (VLCD) can be used and the switching
frequency of the LCD outputs is reduced. In most applications it is possible to use VDD as
VLCD.
2.
Features and benefits
Single-chip LCD controller and driver
34 row and 128 column outputs
Display data RAM 34
× 128 bits
128 icons (last row is used for icons)
Fast-mode I2C-bus interface (400 kbit/s)
Software selectable multiplex rates: 1:17, 1:26, and 1:34
Icon mode with multiplex rate 1:2:
Featuring reduced current consumption while displaying icons only
On-chip:
Generation of VLCD (external supply also possible)
Selectable linear temperature compensation
Oscillator requires no external components (external clock also possible)
Generation of intermediate LCD bias voltages
Power-On Reset (POR)
No external components required
Software selectable bias configuration
Logic supply voltage range VDD1 to VSS1: 1.8 V to 5.5 V
Supply voltage range for on-chip voltage generator VDD2 and VDD3 to VSS1 and VSS2:
2.5 V to 4.5 V
Display supply voltage range VLCD to VSS:
Normal mode: 4 V to 9 V
PCF8531
34 x 128 pixel matrix driver
Rev. 05 — 10 August 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 19.


Similar Part No. - PCF8531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8531 PHILIPS-PCF8531 Datasheet
212Kb / 44P
34 x 128 pixel matrix driver
2000 Feb 11
PCF8531 NXP-PCF8531 Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
PCF8531 NXP-PCF8531 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
PCF8531 NXP-PCF8531 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8531U NXP-PCF8531U Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
More results

Similar Description - PCF8531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8531 PHILIPS-PCF8531 Datasheet
212Kb / 44P
34 x 128 pixel matrix driver
2000 Feb 11
PCF8535 PHILIPS-PCF8535 Datasheet
1Mb / 52P
65 x 133 pixel matrix driver
1999 Aug 24
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
logo
STMicroelectronics
STV8102 STMICROELECTRONICS-STV8102 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
logo
NXP Semiconductors
PCF8531 NXP-PCF8531 Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
logo
LUMEX INC.
LCM-X12864GXX-C LUMEX-LCM-X12864GXX-C Datasheet
98Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
LCM-H240128GSN-1WC LUMEX-LCM-H240128GSN-1WC_17 Datasheet
143Kb / 2P
240 X 128 DOT MATRIX GRAPHIC MDD
LCM-S12864GSF LUMEX-LCM-S12864GSF_17 Datasheet
110Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com