Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2B6.8CT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF2B6.8CT
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6.8CT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF2B6.8CT Datasheet HTML 1Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 2Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 3Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DF2B6.8CT
2009-06-22
1
TOSHIBA Diodes for Protecting against ESD
DF2B6.8CT
Product for Use Only as Protection against Electrostatic Discharge (ESD)
*This product is for protection against electrostatic discharge (ESD) only
and is not intended for any other usage, including without limitation,
the constant voltage diode application.
Abusolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
150*
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
*: Mounted on a glass epoxy circuit board of 20 mm × 20 mm,
pad dimension of 4 mm × 4 mm.
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/
“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse stand-off voltage
VRWM
―
―
―
5.0
V
Reverse breakdown voltage
VR
IR = 1 mA
5.8
6.8
7.8
V
Reverse current
IR
VRWM = 5 V
―
―
0.5
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
―
15
―
pF
Marking
Equivalent Circuit (top view)
0.38
+0.02
-0.03
0.6±0.05
0.5±0.03
0.05±0.03
JEDEC
―
JEITA
―
TOSHIBA
1-1P1A
Weight: 0.7 mg (typ.)
Unit in mm
CST2
YZ


Similar Part No. - DF2B6.8CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2B6.8ACT TOSHIBA-DF2B6.8ACT Datasheet
300Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B6.8AFS TOSHIBA-DF2B6.8AFS Datasheet
288Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B6.8E TOSHIBA-DF2B6.8E Datasheet
170Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF2B6.8FS TOSHIBA-DF2B6.8FS Datasheet
131Kb / 4P
Diodes for Protecting against ESD
DF2B6.8M1ACT TOSHIBA-DF2B6.8M1ACT Datasheet
268Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
More results

Similar Description - DF2B6.8CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FV TOSHIBA-DF3A6.8FV Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A8.2LFV TOSHIBA-DF3A8.2LFV Datasheet
131Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2CFU TOSHIBA-DF5A6.2CFU Datasheet
165Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com