Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2B6.8CT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # DF2B6.8CT
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6.8CT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  DF2B6.8CT Datasheet HTML 1Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 2Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 3Page - Toshiba Semiconductor DF2B6.8CT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DF2B6.8CT
2009-06-22
3
I-V
-10
-8
-6
-4
-2
0
2
4
6
8
10
-10
-5
0
5
10
VOLTAGE V [V]
CT - VR
1
10
100
0
1
23
45
6
7
Ta=25℃
Ta=25℃
f=1MHz
Reverse Side
REVERSE VOLTAGE
VR (V)
Forward Side



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com