Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP173A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP173A
Description  Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP173A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP173A Datasheet HTML 1Page - Toshiba Semiconductor TLP173A Datasheet HTML 2Page - Toshiba Semiconductor TLP173A Datasheet HTML 3Page - Toshiba Semiconductor TLP173A Datasheet HTML 4Page - Toshiba Semiconductor TLP173A Datasheet HTML 5Page - Toshiba Semiconductor TLP173A Datasheet HTML 6Page - Toshiba Semiconductor TLP173A Datasheet HTML 7Page - Toshiba Semiconductor TLP173A Datasheet HTML 8Page - Toshiba Semiconductor TLP173A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP173A
2009-12-22
1
TOSHIBA Photocoupler Photorelay
TLP173A
Telecommunications
Control Equipment
Data Acquisition System
Security Equipment
Measurement Equipment
The Toshiba TLP173A consists of a gallium arsenide infrared emitting
diode optically coupled to a photo-MOSFET in a MFSOP6 package.
This photorelay requires 2mA of LED current to turn it on. It is suitable
for applications that need electrical power savings.
• 4-pin SOP (MFSOP6): Height = 2.5 mm, pitch = 2.54 mm
• Normally open (1-Form-A) device
• Peak off-state voltage: 60 V (min)
• Trigger LED current: 2 mA (max)
• On-state current: 70 mA (max)
• On-state resistance: 50 Ω (max)
• Isolation voltage: 3750 Vrms (min)
• UL (pending approval) : UL1577, File No.E67349
• c-UL (pending approval)
CSA Component Acceptance Service No. 5A File No.E67349
• BSI (pending approval):
• SEMKO (pending approval):
• Option (V4) type
VDE (pending approval):
Maximum operating insulation voltage: 565Vpk
Highest permissible over voltage: 6000Vpk
Pin Configuration (top view)
Internal Circuit
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
11-4C1
Weight: 0.09 g (typ.)
1
3
6
4
1: Anode
3: Cathode
4: Drain
6: Drain
1
3
6
4


Similar Part No. - TLP173A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLP170AM TOSHIBA-TLP170AM Datasheet
320Kb / 11P
Photocouplers Photorelay
2021-05-24 Rev.2.0
TLP170D TOSHIBA-TLP170D Datasheet
227Kb / 6P
TOSHIBA Photocoupler IRED & Photo-MOSFET
TLP170G TOSHIBA-TLP170G Datasheet
340Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLP170GM TOSHIBA-TLP170GM Datasheet
320Kb / 10P
Photocouplers Photorelay
2021-05-31 Rev.2.0
More results

Similar Description - TLP173A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
26-Dec-2002
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com