Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2127 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2127
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2127 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2127 Datasheet HTML 1Page - RF Micro Devices RF2127 Datasheet HTML 2Page - RF Micro Devices RF2127 Datasheet HTML 3Page - RF Micro Devices RF2127 Datasheet HTML 4Page - RF Micro Devices RF2127 Datasheet HTML 5Page - RF Micro Devices RF2127 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-80
RF2127
Rev A3 010720
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
-0.5 to +7.5
VDC
Power Down Voltage (VPD)
-0.5 to +5.5
V
DC Supply Current
125
mA
Input RF Power
+12
dBm
Output Load VSWR
20:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 ° C, VCC=5V, VPD=5V, ZLOAD=106Ω,
PIN=-3dBm, Freq=1800MHz
Frequency Range
1500 to 1900
MHz
Maximum Output Power
+20
dBm
VCC=5V, Pin=-3dBm
Maximum Output Power
+23
dBm
VCC=6V, Pin=0dBm
Total CW Efficiency
30
%
Maximum output, VCC=VPD=5V
Small-signal Gain
23
25
dB
Second Harmonic
-25
dBc
POUT=20dBm
Third Harmonic
-22
dBc
POUT=20dBm
Input VSWR
2:1
Input Impedance
50
Ω
Noise Figure
7
dB
Two-Tone Specification
Average Two-Tone Power
+17
dBm
PEP- 3dB
IM3
-40
dBc
POUT =+14dBM for each tone
IM5
-45
dBc
POUT=+14dBM for each tone
IM7
-44
dBc
POUT=+14dBM for each tone
Two-Tone Power-Added
Efficiency
36
%
Power Control
Power Down “ON”
VCC
V
Voltage supplied to the input; Part is “ON”
Power Down “OFF”
0
1.2
V
Voltage supplied to the input; Part is “OFF”
Power Supply
Voltage
5
V
Specifications
3.0 to 6.5
V
Operating Limits
Current
50
65
mA
Operating Idle
80
mA
Maximum output
10
µA
Power Down
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com