Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2127 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2127
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2127 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2127 Datasheet HTML 1Page - RF Micro Devices RF2127 Datasheet HTML 2Page - RF Micro Devices RF2127 Datasheet HTML 3Page - RF Micro Devices RF2127 Datasheet HTML 4Page - RF Micro Devices RF2127 Datasheet HTML 5Page - RF Micro Devices RF2127 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-82
RF2127
Rev A3 010720
2
Application Schematic
1850MHz
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
BIAS
CIRCUITS
PACKAGE BASE
330 pF
22 pF
V
CC
RF IN
6.2 pF
22 pF
1nF
16 pF
RF OUT
PCB material: FR-4
Thickness: 0.031"
VPD
POWER
DOWN
0.010" x 0.170"
50
Ω µ strip
0.010" x 0.170"
W=0.010"
L=Quarter wave length
1
2
3
4
8
7
6
5
BIAS
CIRCUITS
C4
330 pF
C7
22 pF
C6
6.2 pF
C2
1nF
C8
16 pF
C1
1
µF
P1-1
C5
330 pF
C3
1nF
P1-3
RF IN
RF OUT
J1
J2
P1-1
P1-3
P1
VPD
GND
VCC
1
2
3
2127400 Rev A
W=0.010"
L=0.170"
L=0.320"
W=0.010"
(PCB mat'l: FR-4,
Thickness: 0.031")
0.010" x 0.170"
0.025" x 0.060" 0.025" x 0.165"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com