Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC200 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # AC200
Description  200 Watt Single Output U Frame AC-DC Modules with PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC200 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  AC200 Datasheet HTML 1Page - Intronics Power, Inc. AC200 Datasheet HTML 2Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC 200 Series New Product
200 Watt Single Output U Frame
AC-DC Modules with PFC
FEATURES
SPECIFICATIONS
Input Characteristics
AC Input Voltage
Frequency
Inrush Current
EMI
Isolation
Leakage Current
90 ~ 264Vac
47 to 63Hz
60A Max.
CISPR/FCC Class B
Input to output = 4,242Vdc
3.5mA max.
Output Characteristics
Total Rated Output Power
Current Share
Remote Voltage Sense
Hold-up Time
Over Voltage Protection
Over Temperature Protection
Short Circuit Protection
200W (with 30CFM air flow or optional fan)
Single wire current sharing
Compensates for wire voltage drop
16mS typ.
Recycle AC input to restart
Auto Recovery
Auto Recovery
Environmental Characteristics
Operating Temperature
Storage Temperature
0 ~ 70 degrees C
50~70 C with 2.5%/ degrees C derating
PSU will be in thermal protection for
exceeding the rated power output or
the operating temperature
-20 ~ 85 C
Mechanical Outline
Standard U Frame
150mmx100mmx38.1mm
( 5.91”*3.94”*1.5”)
1.5” Low Profile, 4”X6” Footprint
Universal Input : 90 ~ 264Vac
Active PFC Meets EN61000-3-2
EMI Meets CISPR/FCC Class B
High Efficiency at 80% Typical
Current Share
Remote Voltage Sense
AC OK Signal (Logic High)
DC OK Signal (Logic High)
PS ON/OFF Remote Control
(Inhibit PSU by adding Logic High)
NOTE
1: Optional function can be added when ordering:
Top Cover with Fan (when forced air is needed)
2: Add a 0.1uF ceramic capacitor and a 47uF E.L.
capacitor to output for Ripple & Noise measuring
@20MHz BW.
3: Voltage accuracy is set at 60% rated load and 25
℃ Ta.
4: Line regulation is measured from High Line to Low
Line with rated load.
5: Load regulation is measured at 60%±40% rated load.
6: Dimensions tolerance : +/- 1mm.
7: Connectors:
CN1(AC Input)
: Molex 5273-05A or equivalent
CN2(DC Output) : Molex 38700-7504 or equivalent
CN6(Signals)
: Molex 70247-10 or equivalent
CN3,CN4,CN5(FAN) : Molex 5045-02A or equivalent
With Optional Fan
150mmx101.6mmx58.5mm
( 5.91”*4”*2.3”)
BAUART
TYPE
APPROVED
GEPRUFT
..
.
.
Output
Output Current (A)
Ripple
Voltage
Line
Load
Model
Voltage
Rated
Min.
& Noise
Accuracy
Reg.
Reg.
AC200-033
+3.3V
40.0
0
1%
±1%
±1%
±1%
AC200-050
+5.0V
40.0
0
1%
±1%
±1%
±1%
AC200-120
+12V
16.7
0
1%
±1%
±1%
±1%
AC200-150
+15V
13.4
0
1%
±1%
±1%
±1%
AC200-180
+18V
11.2
0
1%
±1%
±1%
±1%
AC200-240
+24V
8.4
0
1%
±1%
±1%
±1%
AC200-280
+28V
7.2
0
1%
±1%
±1%
±1%
AC200-300
+30V
6.7
0
1%
±1%
±1%
±1%
AC200-360
+36V
5.6
0
1%
±1%
±1%
±1%
AC200-480
+48V
4.2
0
1%
±1%
±1%
±1%
Typical @25
℃, 230Vac and 60% rated load, unless otherwise specified.


Similar Part No. - AC200

ManufacturerPart #DatasheetDescription
logo
Shenzhen X-Powers Techn...
AC200 XPOWER-AC200 Datasheet
445Kb / 3P
Digital Analog Mix IC with Audio, Video and EPHY Modules for TV-BOX Application
logo
Dynex Semiconductor
AC2001 DYNEX-AC2001 Datasheet
267Kb / 2P
Millimeter Wave gunn Oscillator Module
January 2000
logo
Teledyne Technologies I...
AC2005 TELEDYNE-AC2005 Datasheet
178Kb / 2P
TO-8 CASCADABLE AMPLIFIERS
AC2006 TELEDYNE-AC2006 Datasheet
178Kb / 2P
TO-8 CASCADABLE AMPLIFIERS
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
More results

Similar Description - AC200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
AC350 INTRONICS-AC350 Datasheet
183Kb / 2P
350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
logo
Wall Industries,Inc.
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM201S CINCON-CFM201S Datasheet
449Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com