Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC200 Datasheet(PDF) 2 Page - Intronics Power, Inc.

Part # AC200
Description  200 Watt Single Output U Frame AC-DC Modules with PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC200 Datasheet(HTML) 2 Page - Intronics Power, Inc.

  AC200 Datasheet HTML 1Page - Intronics Power, Inc. AC200 Datasheet HTML 2Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC 200 Series New Product
200 Watt Single Output U Frame
AC-DC Modules with PFC
DRAWINGS: (Preliminary)
CN1
Fig.1. Mechanical Outline of AC200
Unit: inch (mm)
Fig.2. Mechanical Outline of AC200-F
(With Optiona1 Fan)
Unit: inch (mm)
PIN CONNECTION:
PIN9: NC
PIN10: NC
PIN5: +V VS
PIN7: +V CSW
PIN3: AC OK
PIN1: GND
PIN4: PS ON/OFF
PIN2: DC OK
PIN8: NC
CN6(Signals)
PIN6: +V GS
CN1
(AC Input)
PIN NO.
ASSIGNMENT
1
Earth Ground
2
NC
3
Neutral
4
NC
5
Line
CN2
(DC Output, T.B.)
PIN NO.
ASSIGNMENT
1
+V
2
+V
3
PWR GND
4
PWR GND
CN3,CN4,CN5
(FAN Output)
PIN NO.
ASSIGNMENT
1
+12V(FAN)
2
GND(FAN)
Note: VS means Remote Sense ”+”
GS means Remote Sense “Return”
Fig.3. Output Derating Curve
2006/11/06
Ver. 19.0
0
25
50
75
100
125
150
175
200
0
10
203040
5060
7080
Ambient Temperature (Deg.C)
With 30CFM Forced Air
Convection Cool



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com