Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC350 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # AC350
Description  350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC350 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  AC350 Datasheet HTML 1Page - Intronics Power, Inc. AC350 Datasheet HTML 2Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FILE NAME: AC350 Series.doc, REVISION: July 12, 2007 V10
1
AC350 SERIES
350 WATT SINGLE OUTPUT
U FRAME
AC-DC POWER SUPPLY
WITH PFC
FEATURE
* Universal lnput 90-264Vac
* Active PFC Meets EN61000-3-2
* EMI Meets CISPR/FCC Class B
* High Efficiency at 90%
* Remote Voltage Sense
OUTPUT CURRENT(A)
MODEL
VOLTAGE
OUTPUT
RATED
MIN.
RIPPLE
& NOISE 1
VOLTAGE
ACCURAC
Y 2
LINE
REG.3
VOLTAGE
ADJ.RANGE
LOAD
REG.4
EFFICIENCY
(TYPICAL)
AC350S-120
+12V
29.2
0
100mVp-p
±2%
±0.5% 10.8~13.2 ±1%
88%
AC350S-150
+15V
23.4
0
100mVp-p
±2%
±0.5% 13.5~16.5 ±1%
88%
AC350S-240
+24V
14.6
0
150mVp-p
±2%
±0.5% 21.6~26.4 ±1%
90%
AC350S-360
+36V
9.7
0
150mVp-p
±2%
±0.5% 32.4~39.6 ±1%
90%
AC350S-480
+48V
7.3
0
150mVp-p
±2%
±0.5% 43.2~52.8 ±1%
91%


Similar Part No. - AC350

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
Axial Coated Inductors
AC35-100K-RC ALLIED-AC35-100K-RC Datasheet
1Mb / 2P
Axial Coated Inductors
AC35-101K-RC ALLIED-AC35-101K-RC Datasheet
1Mb / 2P
Axial Coated Inductors
AC35-102K-RC ALLIED-AC35-102K-RC Datasheet
1Mb / 2P
Axial Coated Inductors
AC35-103K-RC ALLIED-AC35-103K-RC Datasheet
1Mb / 2P
Axial Coated Inductors
More results

Similar Description - AC350

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
Quad output 350 Watt AC/DC high wattage power supplies with PFC
logo
Wall Industries,Inc.
PS2K4 WALL-PS2K4 Datasheet
171Kb / 4P
With PFC 2400 Watt Single Output AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL0501 WALL-PSRL0501 Datasheet
253Kb / 4P
Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSSP100 WALL-PSSP100 Datasheet
164Kb / 3P
Single Output 100 Watt with PFC Function AC/DC Switching Power Supply
PSSP150 WALL-PSSP150 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
PSSP320 WALL-PSSP320 Datasheet
160Kb / 3P
Single Output 320 Watt with PFC Function AC/DC Switching Power Supply
logo
Intronics Power, Inc.
AC200 INTRONICS-AC200 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
logo
CINCON ELECTRONICS Corp...
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com