Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC350 Datasheet(PDF) 2 Page - Intronics Power, Inc.

Part # AC350
Description  350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC350 Datasheet(HTML) 2 Page - Intronics Power, Inc.

  AC350 Datasheet HTML 1Page - Intronics Power, Inc. AC350 Datasheet HTML 2Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FILE NAME: AC350 Series.doc, REVISION: July 12, 2007 V10
2
SPECIFICATIONS
Typical at 25℃, nominal line and 75% load, unless otherwise Specified
INPUT SPECIFICATIONS:
AC350S Series Derating Curve
AC lnput Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
lnrush Current ………………….……………....................................... 85A max.
EMI …………………………..…………………………..……CISPR/FCC Class B
lsolation ……………………………………………...…lnput to output =3000VDC
Leakage Current………………………………………………….……… 2mA max
OUTPUT SPECIFICATIONS:
Total Rated Output Power……………………………………………………350W
(with 20CFM air flow or optional fan)
Remote Voltage Sense………………………..…Compensates for wire Voltage
Hold-up Time ………………………………………………………..……16mS typ.
Over Voltage Protection………………………..…….Recycle AC input to restart
Over Temperature Protection……………….………………….….Auto Recovery
Short Circuit Protection…………………………………..………. .Auto Recovery
ENVIRONMENTAL CHARACTERISTICS:
0
10
20
30
40
50
60
70
80
90
100
-10
0
10
20
30
40
50
60
70
Ambient Temperature(Deg.C)
Operating Temperature ......................................................................-10~65℃
45~65℃ with 2%/℃ Derating
PSU will be in thermal protection for exceeding the rated power output
or the operating temperature
Storage Temperature ………………………………...….......……........ -40~85℃
MECHANICAL CHARACTERISTICS:
Dimensions…………………………………………………...…235.2x101.5x38mm
NOTE:
1: Add a 0.1uF ceramic capacitor and a 47uF E.L. capacitor to output for Ripple &
Noise measuring @20MHz BW.
2: Voltage accuracy is set at 60% rated load and 25℃.Ta.
3: Line regulation is measured from High Line to Low Line with rated load.
5: Load regulation is measured at 60%±40% rated load.
6: Dimensions tolerance : +/- 1mm.
7: CN1(AC lnput)
: Molex 5273-05A or equivalent
CN2(DC Output)
: Molex 5273-09A or equivalent
CN3(DC Output)
: Molex 5273-09A or equivalent
PIN CONNECTION
CN1 (AC lnput)
Pin
Name
NOTE
1
FG
GOUND
2,4
N/A
3
N
5
L
CN2 (AC lnput)
Pin
Name
NOTE
1~9
+48
CN3 (AC lnput)
Pin
Name
NOTE
10~18
GND
Mechanical Specification
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com