Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC173EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC173EVB
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC173EVB Datasheet HTML 1Page - Semtech Corporation SC173EVB Datasheet HTML 2Page - Semtech Corporation SC173EVB Datasheet HTML 3Page - Semtech Corporation SC173EVB Datasheet HTML 4Page - Semtech Corporation SC173EVB Datasheet HTML 5Page - Semtech Corporation SC173EVB Datasheet HTML 6Page - Semtech Corporation SC173EVB Datasheet HTML 7Page - Semtech Corporation SC173EVB Datasheet HTML 8Page - Semtech Corporation SC173EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
© 2010 Semtech Corporation
Electrical Characteristics (continued)
Note:
(1) Typical value from EVB, not ATE tested.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Gate Drivers
BST Switch On resistance
25
45
Ω
Internal Power MOSFETs
Current Limit
Valley Current Limit, VDD=5V
3.5
A
Valley Current Limit, VDD=3V
3
LX Leakage Current
VIN=5.5V, LX=0V, High Side
1
10
µA
Switch Resistance
High Side
60
85
mΩ
Low Side
50
75
Non-overlap time (1)
30
ns
Unless specified: V
IN =5V, TA=+25°C for Typ, -40°C to +85°C for Min and Max, TJ < 125°C
5
SC173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com