Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC173EVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC173EVB
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173EVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC173EVB Datasheet HTML 16Page - Semtech Corporation SC173EVB Datasheet HTML 17Page - Semtech Corporation SC173EVB Datasheet HTML 18Page - Semtech Corporation SC173EVB Datasheet HTML 19Page - Semtech Corporation SC173EVB Datasheet HTML 20Page - Semtech Corporation SC173EVB Datasheet HTML 21Page - Semtech Corporation SC173EVB Datasheet HTML 22Page - Semtech Corporation SC173EVB Datasheet HTML 23Page - Semtech Corporation SC173EVB Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
© 2010 Semtech Corporation
Layout Guideline
Since the SC173 has integrated switches, special consid-
eration should be given to board layout. Let us use the
schematic shown above as an example. The board level
layout is illustrated in the following four layers.
As shown on the top layer layout, U1 is the switching
regulator SC173. C1 and C11 serve as the decoupling ca-
pacitor for the buck converter power train. C11, with a
value between 1nF and 10nF, is the high frequency fil-
tering capacitor. It is recommended to put C1 and C11
as close as possible to the SC173 to get the best decou-
pling performance, with C11 closest. L1 is the output
filtering inductor. C2, C3 and C4 are the output filtering
capacitors. C5 is the boostrap capacitor. Pin 10 (VDD) is
the input bias power for the internal circuits. It is recom-
mended to get the power from VIN through an RC filter-
ing network consisted of R1, C6 and C10. The value of R1
can be between 3.01W and 10W and the capacitance of
C10 should be above 1mF. C6, with a value of 1nF, is the
high frequency filtering capacitor. The locations of C6
and C10 should be as close as possible to pins 9 and 10,
with C6 closest, to get the best possible filtering result.
R2 is the on-time programming resistor. R2 should be
located as close as possible to pin 8 and it should return
to analog ground. The EN/PSV pin is a tri-state pin. Pull
EN/PSV high to enable the part with power save mode
enabled. Connect EN/PSV to AGND to disable the switch-
ing regulator. Leave EN/PSV floating to enable the IC in
forced continuous conduction mode.
Since there are two integrated MOSFETs inside the SC173
that will dissipate a lot of power, to help spread the heat
out of the IC more efficiently, there is a thermal pad un-
derneath the SC173 serving as a heat sink. To enlarge the
heat sinking area, a large copper plane under the thermal
pad as shown on the top layer is recommended.
On inner layer 2, a large analog ground plane (AGND) on
the right hand side is connected to the thermal pad un-
derneath the SC173 using vias. Thus the heat generated
inside the SC173 can be spread through the vias to the
inner layers to expand the heat sinking area.
1
2
3
4
5
6
7
9
10
0
C5
C6
0
R6
C8
0
BST
VIN
LX
PGND EN/PSV
TON
AGND
VDD
PGOOD
FB
C3
L1
C2
R3
R2
0
R1
C1
R4
R7
C9
0
C4
C7
EN/PSV
VIN+
VIN-
VO+
VO-
U1
SC173
C10
C11
1
2
3
4
5
6
7
8
9
10
Schematic for layout illustration
20
SC173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com