Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC283EVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC283EVB
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283EVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC283EVB Datasheet HTML 12Page - Semtech Corporation SC283EVB Datasheet HTML 13Page - Semtech Corporation SC283EVB Datasheet HTML 14Page - Semtech Corporation SC283EVB Datasheet HTML 15Page - Semtech Corporation SC283EVB Datasheet HTML 16Page - Semtech Corporation SC283EVB Datasheet HTML 17Page - Semtech Corporation SC283EVB Datasheet HTML 18Page - Semtech Corporation SC283EVB Datasheet HTML 19Page - Semtech Corporation SC283EVB Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SC283
© 2010 Semtech Corp.
Outline Drawing – 2x3 MLPQ-W18
Land Pattern – 2x3 MLPQ-W18
2.00
1.90
2.10
NOTES:
bbb
C A B
aaa C
0.08
18
0.136
-
0.00
0.70
0.386
0.286
-
0.05
0.80
(0.20)
-
-
0.10
0.55
2.90
0.70 0.80
3.00 3.10
0.40 BSC
0.375 0.425 0.475
A
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
DIMENSIONS
e
bbb
aaa
A1
A2
D1
E1
DIM
N
L
E
D
A
MILLIMETERS
MAX
MIN NOM
B
2
N
PIN 1
INDICATOR
(LASER MARK)
C
b
0.15 0.20 0.25
1
PLANE
SEATING
D
E
A1
A2
A
e/2
e
bxN
LxN
E/2
NE
ND
2
7
0.850 2X E1
1.700
D/2
D1
2.00
1.90
2.10
NOTES:
bbb
C A B
aaa C
0.08
18
0.136
-
0.00
0.70
0.386
0.286
-
0.05
0.80
(0.20)
-
-
0.10
0.55
2.90
0.70 0.80
3.00 3.10
0.40 BSC
0.375 0.425 0.475
A
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
DIMENSIONS
e
bbb
aaa
A1
A2
D1
E1
DIM
N
L
E
D
A
MILLIMETERS
MAX
MIN NOM
B
2
N
PIN 1
INDICATOR
(LASER MARK)
C
b
0.15 0.20 0.25
1
PLANE
SEATING
D
E
A1
A2
A
e/2
e
bxN
LxN
E/2
NE
ND
2
7
0.850 2X E1
1.700
D/2
D1
www.semtech.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com