Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC283EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC283EVB
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC283EVB Datasheet HTML 1Page - Semtech Corporation SC283EVB Datasheet HTML 2Page - Semtech Corporation SC283EVB Datasheet HTML 3Page - Semtech Corporation SC283EVB Datasheet HTML 4Page - Semtech Corporation SC283EVB Datasheet HTML 5Page - Semtech Corporation SC283EVB Datasheet HTML 6Page - Semtech Corporation SC283EVB Datasheet HTML 7Page - Semtech Corporation SC283EVB Datasheet HTML 8Page - Semtech Corporation SC283EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC283
© 2010 Semtech Corp.
Electrical Characteristics
Exceeding the absolute maximum ratings may result in permanent damage to the device and/or device malfunction. Operation outside of the
parameters specified in the Electrical Characteristics section is not recommended.
Notes:
(5) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(6) Tested according to JEDEC standard JESD22-A114-B.
Recommended Operating Conditions
Supply Voltage VINA and VINB …………………… 2.9 to 5.5V
Maximum Output Current for each channel ………… 1.8A
Temperature Range …………………………… -40 to +85˚C
Thermal Resistance, Junction to Ambient(5) ………… 65 °C/W
Maximum Junction Temperature …………………… +150°C
Storage Temperature Range ………………… -65 to +150 °C
Thermal Information
VINA and VINB Supply Voltages ………………… -0.3 to 6.0V
LXA, LXB Voltage …. . -1 to VIN+1V, -3V (20ns Max), 6V Max
VOUTA, VOUTB Voltage ……………………
-0.3 to VIN+0.3V
CTLxA/B pins Voltages
…………………
-0.3 to VIN+0.3V
Peak IR Reflow Temperature …………………………. 260°C
ESD Protection Level(6) ……………………………… 3.5kV
Unless specified: VINA= VINB= 5.0V, VOUTA= VOUTB=1.50V, C
INA=CINB=10µF, COA=COB= 22µF, L= 2.2µH, -40°C≤ TJ≤ +125 °C. Unless otherwise noted
typical values are T
A= +25 °C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Under-Voltage Lockout
UVLO
Rising VINA, VINB
2.65
2.75
2.85
V
Hysteresis
240
300
mV
Output Voltage Tolerance(7)
ΔV
OUT
Channel A & B; VIN= 2.9 – 5.5V; I
OUT=0A
-2.0
+2.0
%
Current Limit
I
LIMIT
Channel A & B; Peak LX current
2.25
3.0
3.75
A
Supply Current
I
Q
Channel A & B; No load, Per channel
10
mA
Shutdown Current
I
SHDN
CTL
0-3= GND, Per channel
1
10
µA
High Side Switch Resistance(8)
R
DSON_P
Channel A & B; I
LX= 100mA, TJ= 25 °C
95
mΩ
Low Side Switch Resistance(8)
R
DSON_N
Channel A & B; I
LX= -100mA, TJ= 25 °C
65
L
X Leakage Current
(8)
I
LK(LX)
Channel A & B; VIN= 5.5V; LX= 0V; CTL
0-3= GND
1
10
µA
Channel A & B; VIN= 5.5V; LX= 5.0V; CTL
0-3= GND
-10
-1
Load Regulation
ΔV
LOAD-REG
Channel A & B; VIN= 5.0V; I
OUT=1mA – 1.8A
±0.5
%
Oscillator Frequency
f
OSC
Channel A & B
2.125
2.500
2.875
MHz
Soft-Start Time
t
SS
Channel A & B; I
OUT= 1.8A
850
µs
Foldback Holding Current
I
CL_HOLD
Average LX Current, VOUT=1.5V
240
mA
Average LX Current, VOUT=3.3V
130
mA
CTLx Input Current(8)
I
CTL_
Channel A & B; CTL
0-3=VIN or GND
-2.0
2.0
µA
CTLx Input High Threshold
V
CTLx_HI
Channel A & B
1.2
V
Absolute Maximum Ratings
www.semtech.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com