Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC618EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC618EVB
Description  Charge Pump Flash LED Driver with Safety Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC618EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC618EVB Datasheet HTML 3Page - Semtech Corporation SC618EVB Datasheet HTML 4Page - Semtech Corporation SC618EVB Datasheet HTML 5Page - Semtech Corporation SC618EVB Datasheet HTML 6Page - Semtech Corporation SC618EVB Datasheet HTML 7Page - Semtech Corporation SC618EVB Datasheet HTML 8Page - Semtech Corporation SC618EVB Datasheet HTML 9Page - Semtech Corporation SC618EVB Datasheet HTML 10Page - Semtech Corporation SC618EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SC618
7
Pin Descriptions
Pin#
Pin Name
Pin Function
1
VIN
Input voltage
2
C2-
Negative terminal of bucket capacitor 2
3
GND
Ground— connect to ground plane using multiple vias
4
C1-
Negative terminal of bucket capacitor 1
5
FLASH
Flash mode enable pin— puts the device in active flash mode when high and also overrides CTRL.
6
ISET
Current-setting reference pin — connect to the LED cathode and the current setting resistor.
7
CTRL
Control input bit — used to enable and set the output current in spotlight mode when high.
8
C1+
Positive terminal of bucket capacitor 1
9
VOUT
Output pin — connect to the LED anode
10
C2+
Positive terminal of bucket capacitor 2
T
Thermal Pad
Pad for heat sinking purposes — not connected internally. Connect to ground plane using multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com