Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC618EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC618EVB
Description  Charge Pump Flash LED Driver with Safety Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC618EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC618EVB Datasheet HTML 1Page - Semtech Corporation SC618EVB Datasheet HTML 2Page - Semtech Corporation SC618EVB Datasheet HTML 3Page - Semtech Corporation SC618EVB Datasheet HTML 4Page - Semtech Corporation SC618EVB Datasheet HTML 5Page - Semtech Corporation SC618EVB Datasheet HTML 6Page - Semtech Corporation SC618EVB Datasheet HTML 7Page - Semtech Corporation SC618EVB Datasheet HTML 8Page - Semtech Corporation SC618EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
POWER MANAGEMENT
1
SC618
Charge Pump Flash LED
Driver with Safety Timer
Features
Flash and spotlight — two selectable modes
Flash mode — up to 700mA output
Flash mode — 500mA max output (over rated voltage,
temperature, and load conditions)
Flash mode safety timer shut-off — 1 second
Spotlight mode set to 40% of flash current
Spotlight mode — up to 280mA output
Spotlight mode —1x mode (under most conditions)
for best efficiency
Input range — 3.0V to 5.25V
External flash control pin for synchronization to a cam-
era module or graphics controller
Short-circuit, over-voltage, and over-temperature pro-
tection
Soft-start functionality
Separate flash and spotlight control inputs for maxi-
mum versatility
Ultra-thin package MLPD-UT-10 — 3mm x 3mm x
0.6mm
Applications
Mobile camera phones
Digital cameras
PDAs with built-in cameras
Description
The SC618 is a high-current charge pump designed spe-
cifically for use with white LEDs used in camera flash
applications. Only two small bucket capacitors are required
to develop the output drive, providing a low EMI solution
compared to inductive boost regulators.
The SC618 has two modes of operation: flash mode and
spotlight mode. In flash mode, the SC618 is capable of
delivering 500mA of regulated current for a duration of
500ms or up to 700mA for a reduced duration. A safety
timer is also included to ensure the LED cannot be left on
indefinitely and overheat. In spotlight mode the SC618
outputs 40% of the flash mode current and can remain
enabled continuously.
An external resistor is connected in series with the LED to
set the current. In flash mode, this resistor can dissipate
up to 175mW, reducing the power dissipation require-
ment of the SC618. The flash input overrides the control
input to make sure the flash function is activated .
The SC618 ultra-thin package provides both a low profile
and high thermal efficiency.
SC618
VIN
C2-
C2+
C1-
C1+
VOUT
FLASH
CTRL
GND
ISET
1μF
1μF
FLASH
CTRL
1μF
RSET
10μF
VBAT
White LED
Typical Application Circuit
February 6, 2008


Similar Part No. - SC618EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC618EVB SEMTECH-SC618EVB Datasheet
197Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
More results

Similar Description - SC618EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC618 SEMTECH-SC618 Datasheet
197Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
SC617 SEMTECH-SC617 Datasheet
208Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
SC619 SEMTECH-SC619_08 Datasheet
211Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Eutech Microelectronics...
EUP3618 EUTECH-EUP3618 Datasheet
369Kb / 1P
Charge Pump Flash LED Driver with Safety Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com