Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2352 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2352
Description  3V CDMA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2352 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2352 Datasheet HTML 1Page - RF Micro Devices RF2352 Datasheet HTML 2Page - RF Micro Devices RF2352 Datasheet HTML 3Page - RF Micro Devices RF2352 Datasheet HTML 4Page - RF Micro Devices RF2352 Datasheet HTML 5Page - RF Micro Devices RF2352 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
4-178
RF2352
Rev A4 010720
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +4.5
VDC
Input RF Level
0
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
VCC=3.0V, T=25°C, External Matching
Components Required.
High Gain Mode
VPD=2.8V, POUT=+4dBm, ICC=15mA
Gain
18
20
22
dB
At 824MHz
Noise Figure
1.9
2.9
dB
Input VSWR
1.3
1.5
Output VSWR
1.6
1.8
Adjacent Channel Power
Rejection (ACPR1)
57
60
dBc
900kHz offset
Alternate Channel Power
Rejection (ACPR2)
78
80
dBc
1.98MHz offset
Gain
17
19
21
dB
At 874MHz
Noise Figure
2.0
3.0
dB
Input VSWR
1.6
1.8
Output VSWR
1.5
1.7
Adjacent Channel Power
Rejection (ACPR1)
58
60
dBc
900kHz offset
Alternate Channel Power
Rejection (ACPR2)
76
77
dBc
1.98MHz offset
Gain
16.5
18.5
20.5
dB
At 925MHz
Noise Figure
2.2
3.2
dB
Input VSWR
1.8
2.0
Output VSWR
1.4
1.6
Adjacent Channel Power
Rejection (ACPR1)
57
60
dBc
900kHz offset
Alternate Channel Power
Rejection (ACPR2)
76
77
dBc
1.98MHz offset
Bypass (Low Gain) Mode
VPD=0V, Pins 6 and 8 shorted.
Gain
-4.2
dB
At 824MHz
Noise Figure
4.2
dB
Input VSWR
1.2
1.4
Output VSWR
1.4
1.6
Gain
-3.7
dB
At 874MHz
Noise Figure
3.7
dB
Input VSWR
1.4
1.6
Output VSWR
1.3
1.5
Gain
-4.7
dB
At 925MHz
Noise Figure
4.7
dB
Input VSWR
1.5
1.7
Output VSWR
1.4
1.6
Power Supply
Power Supply Range (VCC)2.7
3.0
3.6
V
Current Drain (ICC)
15.0
mA
VPD=2.8V (High Gain Mode)
Current Drain (ICC)10
µAV
PD = 0 V (Bypass Mode)
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com