Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2352 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2352
Description  3V CDMA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2352 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2352 Datasheet HTML 1Page - RF Micro Devices RF2352 Datasheet HTML 2Page - RF Micro Devices RF2352 Datasheet HTML 3Page - RF Micro Devices RF2352 Datasheet HTML 4Page - RF Micro Devices RF2352 Datasheet HTML 5Page - RF Micro Devices RF2352 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary
4-182
RF2352
Rev A4 010720
4
ACPR1 versus ICC
VCC=3V, VPD=2.8V, Temperature=26°C, POUT=4dBm
-70.0
-68.0
-66.0
-64.0
-62.0
-60.0
-58.0
-56.0
-54.0
-52.0
-50.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
ICC (mA)
824 MHz
874 MHz
925MHz
ACPR2 versus ICC
VCC=3V, VPD=2.8V, Temperature=26°C, POUT=4dBm
-90.0
-88.0
-86.0
-84.0
-82.0
-80.0
-78.0
-76.0
-74.0
-72.0
-70.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
ICC (mA)
824 MHz
874 MHz
925 MHz
Gain versus VCC
ICC=15mA, VPD=2.8V, Temperature=25°C, POUT=4dBm
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
VCC (V)
824 MHz
874 MHz
925 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com