Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2484 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2484 Datasheet HTML 1Page - RF Micro Devices RF2484 Datasheet HTML 2Page - RF Micro Devices RF2484 Datasheet HTML 3Page - RF Micro Devices RF2484 Datasheet HTML 4Page - RF Micro Devices RF2484 Datasheet HTML 5Page - RF Micro Devices RF2484 Datasheet HTML 6Page - RF Micro Devices RF2484 Datasheet HTML 7Page - RF Micro Devices RF2484 Datasheet HTML 8Page - RF Micro Devices RF2484 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary
5-31
RF2484
Rev A2 010829
5
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Output (1960 MHz)
cont’d
Broadband Noise Floor
-154.5
dBm/Hz
At 20MHz offset, 30kHz res BW, VCC=5V;
ISIG, QSIG, IREF, and QREF tied to VREF
EVM
2.3
%
See Test Setup for detailed information
Phase Error
1
° RMS
See Test Setup for detailed information
Rho
.9988
See Test Setup for detailed information
Output Impedance
46-j22
Ω
RF Output (2140 MHz)
LO= -5dBm at 2140MHz; Single sideband
testing unless otherwise noted
W-CDMA Output Channel Power
-16
dBm
For ACPR= -60dBc; I&Q Amplitude=1.4VPP
(single-ended)
W-CDMA ACPR
-60
dBc
Channel Power= -16dBm; see Test Setup for
detailed information
Carrier Suppression
50
dBc
T=25°C; POUT=-13dBm; optimized I,Q DC
offsets
Carrier Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C
after optimization at T = 25°C; POUT=-13dBm
Sideband Suppression
50
dBc
T= 25°C; POUT=-13dBm; optimized I,Q
amplitude and phase balance
Sideband Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C
after optimization at T = 25°C; POUT=-13dBm
Broadband Noise Floor
-152
dBm/Hz
At 20MHz offset, 30kHz res BW, VCC=5V;
ISIG, QSIG, IREF, and QREF tied to VREF
EVM
5.9
%
See Test Setup for detailed information
Phase Error
2.4
° RMS
See Test Setup for detailed information
Rho
.9961
See Test Setup for detailed information
Output Impedance
58-j16
Ω
Power Down
Turn On/Off Time
100
ns
PD Input Resistance
50
k
Ω
Power Control “ON”
2.8
V
Threshold voltage
Power Control “OFF”
1.0
1.2
V
Threshold voltage
Power Supply
Voltage
5.0
V
Specifications
4.5
6.0
V
Operating Limits
Current
66
70
mA
25
µA
Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com