Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2484 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2484 Datasheet HTML 1Page - RF Micro Devices RF2484 Datasheet HTML 2Page - RF Micro Devices RF2484 Datasheet HTML 3Page - RF Micro Devices RF2484 Datasheet HTML 4Page - RF Micro Devices RF2484 Datasheet HTML 5Page - RF Micro Devices RF2484 Datasheet HTML 6Page - RF Micro Devices RF2484 Datasheet HTML 7Page - RF Micro Devices RF2484 Datasheet HTML 8Page - RF Micro Devices RF2484 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
5-29
5
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
GND
GND
VCC
GND
GND
LO
Σ
-45°
+45°
5
13
12
11
10
14
7
8
6
9
15
16
1
2
3
4
RF2484
DIRECT QUADRATURE MODULATOR
• Dual-Band CDMA Base Stations
• TDMA/TDMA-EDGE Base Stations
• GSM-EDGE/EGSM Base Stations
• W-CDMA Base Stations
• WLAN and WLL Systems
• GMSK,QPSK,DQPSK,QAM Modulation
The RF2484 is a monolithic integrated quadrature modu-
lator IC capable of universal direct modulation for high-
frequency AM, PM, or compound carriers. This low-cost
IC features excellent linearity, noise floor, and over-tem-
perature carrier suppression performance.
The device
implements differential amplifiers for the modulation
inputs, 90° carrier phase shift network, carrier limiting
amplifiers, two matched double-balanced mixers, sum-
ming amplifier, and an output RF amplifier which will drive
50
Ω from 800MHz to 2500MHz. It is packaged in a small
industry-standard LCC 16-pin plastic package.
• Typical Carrier Suppression>35dBc,
Sideband Suppression>35dBc over
temperature with highly linear operation
• Noise Floor better than -152dBm/Hz
from 800MHz to 2200MHz
• Single 5V Power Supply
RF2484
Direct Quadrature Modulator
RF2484 PCBA
Fully Assembled Evaluation Board
5
Rev A2 010829
3.75
3.75
+
1.50 SQ
4.00
4.00
1
0.45
0.28
3.20
1.60
0.75
0.50
12°
INDEX AREA 3
1.00
0.90
0.75
0.65
0.05
0.00
NOTES:
5
Package Warpage: 0.05 max.
4
Pins 1 and 9 are fused.
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal and is measured between
0.10 mm and 0.25 mm from terminal tip.
2
The terminal #1 identifier and terminal numbering convention
shall conform to JESD 95-1 SPP-012. Details of terminal #1
identifier are optional, but must be located within the zone
indicated. The identifier may be either a mold or marked
feature.
3
0.80
TYP
2
1
Dimensions in mm.
Package Style: LCC, 16-Pin


Similar Part No. - RF2484

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2484 RFMD-RF2484 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2484PCBA-410 RFMD-RF2484PCBA-410 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2484PCBA-410 RFMD-RF2484PCBA-410 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2484

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com