Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2668 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2668 Datasheet HTML 1Page - RF Micro Devices RF2668 Datasheet HTML 2Page - RF Micro Devices RF2668 Datasheet HTML 3Page - RF Micro Devices RF2668 Datasheet HTML 4Page - RF Micro Devices RF2668 Datasheet HTML 5Page - RF Micro Devices RF2668 Datasheet HTML 6Page - RF Micro Devices RF2668 Datasheet HTML 7Page - RF Micro Devices RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary
5-75
RF2668
Rev B4 010423
5
Pin
Function
Description
Interface Schematic
1NC
Not connected.
2NC
Not connected.
3RF OUT
RF output pin. An external shunt inductor to VCC plus a series blocking/
matching capacitor are required for 50
Ω output.
4VCC4
Supply for the mixer stage only. The supply for the mixer is separated to
maximize IF to RF isolations and reduce the carrier leakage. A 10nF
external bypass capacitor is required. The trace length between the pin
and the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane.
5LO2+
One half of the balanced mixer LO2 input. In single-ended applications,
the other half of the input, LO2- is AC grounded. This is a 50
Ω imped-
ance port. This pin is NOT internally DC-blocked. An external blocking
capacitor (100pF recommended) must be provided if the pin is con-
nected to a device with DC present.
6LO2-
One half of the balance mixer LO2 input. In single ended applications,
this pin is AC grounded with a 100pF capacitor.
See pin 5.
7GND2
Ground connection for the mixer stage. For best performance, keep
traces physically short and connect immediately to ground plane.
8GND2
Same as pin 7.
9MIX_DEC
Current Mirror decoupling pin. A 1000pF external capacitor is required
to bypass this pin. The ground side of the bypass capacitors should
connect immediately to ground plane.
10
MIX IN+
Same as pin 11, except complementary input.
See pin 11.
11
MIX IN-
One half of the 200
Ω balanced impedance input to the mixer stage.
This pin is NOT internally DC-blocked. An external blocking capacitor
(1000pF recommended) must be provided if the pin is connected to a
device with DC present. If no IF filter is needed this pin may be con-
nected to MOD OUT+ through a DC blocking capacitor. An appropriate
matching network may be needed if an IF filter is used.
12
NC
Not connected.
13
NC
Not connected.
14
MOD OUT-
One half of the balanced AGC output port. The impedance of this port
is 200
Ω balanced. If no filtering is required, this pin can be connected
to the MIX IN- pin through a DC blocking capacitor. This pin requires an
inductor to VCC to achieve full dynamic range. In order to maximize
gain, this inductor should be a high-Q type and should be parallel reso-
nated out with a capacitor (see application schematic). This pin is NOT
DC-blocked. A blocking capacitor of 2200pF is needed when this pin is
connected to a DC path. An appropriate matching network may be
needed if an IF filter is used.
15
MOD OUT+
Same as pin 14, except complementary output.
See pin 14.
16
GND1
Ground connection for all baseband circuits including bandgap, AGC,
flip-flop, modulator and FM amp. For best performance, keep traces
physically short and connect immediately to ground plane.
RF OUT
300
Ω
V
CC4
50
Ω
BIAS
50
Ω
BIAS
LO2+
LO2-
100
Ω
BIAS
100
Ω
BIAS
MIX IN-
MIX IN+
100
Ω
100
Ω
MOD OUT-
MOD OUT+
V
CC3
V
CC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com