Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2668 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2668 Datasheet HTML 2Page - RF Micro Devices RF2668 Datasheet HTML 3Page - RF Micro Devices RF2668 Datasheet HTML 4Page - RF Micro Devices RF2668 Datasheet HTML 5Page - RF Micro Devices RF2668 Datasheet HTML 6Page - RF Micro Devices RF2668 Datasheet HTML 7Page - RF Micro Devices RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices RF2668 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary
5-76
RF2668
Rev B4 010423
5
Pin
Function
Description
Interface Schematic
17
AGC_DEC
AGC decoupling pin. An external bypass capacitor of 1nF capacitor is
required. The trace length between the pin and the bypass capacitors
should be minimized. The ground side of the bypass capacitors should
connect immediately to ground plane.
18
VGC
Analog gain control for AGC amplifiers. Valid control voltage ranges are
from 0.3VDC to 2.4VDC. The gain range for the AGC is 95dB. These
voltages are valid ONLY for a 39k
Ω source impedance. A DC voltage
less than or equal to the maximum allowable VCC may be applied to
this pin when no voltage is applied to the VCC pins.
19
VCC2
Supply for the modulator stage only. A 10nF external bypass capacitor
is required and an additional 0.1
µF will be required if no other low fre-
quency bypass capacitors are nearby. The trace length between the pin
and the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane.
20
GND1
Same as pin 16.
21
Q SIG
Baseband input to the Q mixer. This pin is DC-coupled. The DC level of
1.3V must be supplied to this pin to bias the transistor. Input imped-
ance of this pin is 50k
Ω minimum. A DC voltage less than or equal to
the maximum allowable VCC may be applied to this pin when no voltage
is applied to the VCC pins.
22
Q REF
Reference voltage for the Q mixer. This voltage should be the same as
the DC voltage supplied to the Q SIG pin. For maximum carrier sup-
pression, DC voltage on this pin relative to the Q SIG DC voltage may
be adjusted. Input impedance of this pin is 50k
Ω minimum. A DC volt-
age less than or equal to the maximum allowable VCC may be applied
to this pin when no voltage is applied to the VCC pins.
See pin 21.
23
I REF
Reference voltage for the I mixer. This voltage should be the same as
the DC voltage supplied to the I SIG pin. For maximum carrier suppres-
sion, DC voltage on this pin relative to the I SIG DC voltage may be
adjusted. Input impedance of this pin is 50k
Ω minimum. A DC voltage
less than or equal to the maximum allowable VCC may be applied to
this pin when no voltage is applied to the VCC pins.
See pin 24.
24
I SIG
Baseband input to the I mixer. This pin is DC coupled. The DC level of
1.3V must be supplied to this pin to bias the transistor. Input imped-
ance of this pin is 50k
Ω minimum. A DC voltage less than or equal to
the maximum allowable VCC may be applied to this pin when no voltage
is applied to the VCC pins.
25
NC
Not connected.
26
VCO_ISET
An external resistor of 47k
Ω is used to set the VCO current for mini-
mum phase noise.
27
VCC1
Supply Voltage for the LO1 flip-flop and limiting amp only. This supply is
isolated to minimize the carrier leakage. A 1nF external bypass capaci-
tor is required, and an additional 0.1
µF will be required if no other low
frequency bypass capacitors are nearby. The trace length between the
pin and the bypass capacitors should be minimized. The ground side of
the bypass capacitors should connect immediately to ground plane.
28
LO1-
External LO input to modulator. Controlled by VCO_EN signal. Logic
low is internal VCO, while logic high is external VCO.
See pin 29.
21 k
Ω
GC
40 k
Ω
BIAS
QSIG
QREF
ISIG
IREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com