Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3117PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3117PCBA
Description  3V 900MHZ LINEAR AMPLIFIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3117PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF3117PCBA Datasheet HTML 1Page - RF Micro Devices RF3117PCBA Datasheet HTML 2Page - RF Micro Devices RF3117PCBA Datasheet HTML 3Page - RF Micro Devices RF3117PCBA Datasheet HTML 4Page - RF Micro Devices RF3117PCBA Datasheet HTML 5Page - RF Micro Devices RF3117PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
2-271
RF3117
Rev A0 011016
2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
FM Mode
Typical Performance at VCC=3.2V,
VREG=3V, TAMB=25°C,
Frequency= 824MHz to 849MHz
(unless otherwise specified)
Frequency Range
824
849
MHz
Gain
30
dB
Second Harmonic
-32
dBc
Third Harmonic
-40
dBc
Max CW Output Power
31.5
dBm
Total Efficiency (AMPS mode)
42
%
POUT=31.5dBm (room temperature)
Input VSWR
<2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
DC Supply
TAMB=25°C
Supply Voltage Range
3.2
3.7
4.2
V
Quiescent Current
160
240
mA
VMODE=Low, VREG=3V, VCC=3.2V
55
65
mA
VMODE=High, VREG=3V, VCC=3.2V
VREG Current
10
mA
VMODE=High
VMODE Current
1
mA
Turn On/Off Time
<40
µsV
REG switch from Low to High,
ICC to within 90% of the final value,
POUT within 1dB of the final value
Total Current (Power Down)
3
10
µAV
REG =Low, VMODE = Low
VREG “Low” Voltage
0
0.5
V
VREG “High” Voltage
2.9
3.0
3.1
V
VMODE “Low” Voltage
0
0.5
V
VMODE “High” Voltage
2.0
3.0
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com