Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3117PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3117PCBA
Description  3V 900MHZ LINEAR AMPLIFIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3117PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF3117PCBA Datasheet HTML 1Page - RF Micro Devices RF3117PCBA Datasheet HTML 2Page - RF Micro Devices RF3117PCBA Datasheet HTML 3Page - RF Micro Devices RF3117PCBA Datasheet HTML 4Page - RF Micro Devices RF3117PCBA Datasheet HTML 5Page - RF Micro Devices RF3117PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-269
2
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
3
VREG
2
RF IN
1
VCC1
6
RF OUT
7
GND
5
VCC2
4
RF3117
3V 900MHZ LINEAR AMPLIFIER MODULE
• 3V CDMA/AMPS Cellular Handsets
• 3V CDMA2000/1X Cellular Handsets
• Compatible with Qualcomm Chipset
• Spread-Spectrum Systems
The RF3117 is a high-power, high-efficiency linear ampli-
fier module targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in dual-mode
3 V CDMA/AMPS handheld digital cellular equipment,
spread-spectrum systems, and other applications in the
824MHz to 849MHz band. The RF3117 has a digital con-
trol line for low power application to reduce the current
drain. The device is self-contained with 50
Ω input and
output that is matched to obtain optimum power, effi-
ciency, and linearity characteristics. The module is an
ultra-small 6mmx6 mm land grid array with backside
ground.
• Input/Output Internally Matched@50
Ω
• Single 3V Supply
• 30dBm Linear Output Power
• 30dB Linear Gain
• 33% Linear Efficiency
• 55mA Idle Current
RF3117
3V 900MHz Linear Amplifier Module
RF3117 PCBA
Fully Assembled Evaluation Board
2
Rev A0 011016
6.0 sq
0.100
3.000
4.390
0.600
0.800 sq
typ
NOTE: Nominal thickness, 1.55 mm.
1.700
0.100
2.500
Dimensions in mm.
Package Style: LGM (6mmx6mm)


Similar Part No. - RF3117PCBA

ManufacturerPart #DatasheetDescription
logo
Comark Instruments
RF311-T COMARK-RF311-T Datasheet
551Kb / 2P
Temperature Data Logger
logo
RF Micro Devices
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110PCBA RFMD-RF3110PCBA Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3118PCBA RFMD-RF3118PCBA Datasheet
116Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
More results

Similar Description - RF3117PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com