Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3320 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF3320 Datasheet HTML 8Page - RF Micro Devices RF3320 Datasheet HTML 9Page - RF Micro Devices RF3320 Datasheet HTML 10Page - RF Micro Devices RF3320 Datasheet HTML 11Page - RF Micro Devices RF3320 Datasheet HTML 12Page - RF Micro Devices RF3320 Datasheet HTML 13Page - RF Micro Devices RF3320 Datasheet HTML 14Page - RF Micro Devices RF3320 Datasheet HTML 15Page - RF Micro Devices RF3320 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Preliminary
3-38
RF3320
Rev A10 010514
3
CH1
S
11 log MAG
10 dB/
REF 0 dB
START 1.000 000 MHz
STOP 100.000 000 MHz
Cor
PRm
1
2
3
1: -19.249 dB
4.960 000 MHz
2: -20.665 dB
42.085 MHz
3: -21.65 dB
64.855 MHz
S
11 Transmit Enable = 5V
CH1
S
22
log MAG
10dB/
REF 0 dB
START 1.000 000
STOP 100.000 000 MHz
Cor
PRm
1
2
3
1: -25.52 dB
4.960 000
2: -25.226 dB
42.085 MHz
3: -22.568 dB
64.855 MHz
S
22 Transmit Enable = 5V
CH1
S
11
log MAG
10 dB/
START 1.000 000 MHz
STOP 100.000 000 MHz
Cor
PRm
1
2
3
1: -19.335 dB
4.960 000 MHz
2: -20.627 dB
42.085 MHz
3: -21.815 dB
64.855 MHz
S
11 Transmit Enable = 0V
CH1
S
22
log MAG
10dB/
START 1.000 000 MHz
STOP 100.000 000 MHz
Cor
PRm
1
2
3
1: -25.612 dB
4.960 000 MHz
2: -25.871 dB
42.085 MHz
3: -22.989 dB
64.855 MHz
S
22 Transmit Enable = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com