Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3320 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3320 Datasheet HTML 1Page - RF Micro Devices RF3320 Datasheet HTML 2Page - RF Micro Devices RF3320 Datasheet HTML 3Page - RF Micro Devices RF3320 Datasheet HTML 4Page - RF Micro Devices RF3320 Datasheet HTML 5Page - RF Micro Devices RF3320 Datasheet HTML 6Page - RF Micro Devices RF3320 Datasheet HTML 7Page - RF Micro Devices RF3320 Datasheet HTML 8Page - RF Micro Devices RF3320 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Preliminary
3-31
RF3320
Rev A10 010514
3
Table 1. Serial Interface Control Word Format
Serial Bus Timing Diagram
Table 2. Timing Data
Table 3. Programming State
Bit
Mnemonic
Description
MSB 6
D6
Sleep Mode (Software Shutdown)
5
D5
Gain Control, Bit MSB
4
D4
Gain Control, Bit 4
3
D3
Gain Control, Bit 3
2
D2
Gain Control, Bit 2
1
D1
Gain Control, Bit 1
LSB 0
D0
Gain Control, Bit LSB
Parameter
Symbol
Min
Typ
Max
Units
SCLK Pulsewidth
TWH
50
ns
SCLK Period
TC
100
ns
Setup Time, SDA versus S CLK
TDS
10
ns
Setup Time, CS versus S CLK
TES
10
ns
Hold Time, SDA versus S CLK
TDH
20
ns
Hold Time, CS versus S CLK
TEH
20
ns
SCLK Pulsewidth, High
TDATAH
50
ns
SCLK Pulsewidth, Low
TDATAL
50
ns
TX
SHDND
MSB6
Enter Sleep Mode
X
H
L
H= High Voltage Logic
Exit Sleep Mode
X
H
H*
L=Low Voltage Logic
Enter Shutdown
X
L
X
X =Don’t Care
Exit Shutdown
X
H
H*
*Gain Control Data Must be Re-Sent
TX Enable
H
X
X
TX Disable
L
X
X
D0
D1
D2
D3
D4
D5
D6
TES
TDS
TDH
TEH
TWH
TC
TDATAH,TDATAL
CS
SCLK
SDA
(Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com