Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3321 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3321
Description  REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3321 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3321 Datasheet HTML 1Page - RF Micro Devices RF3321 Datasheet HTML 2Page - RF Micro Devices RF3321 Datasheet HTML 3Page - RF Micro Devices RF3321 Datasheet HTML 4Page - RF Micro Devices RF3321 Datasheet HTML 5Page - RF Micro Devices RF3321 Datasheet HTML 6Page - RF Micro Devices RF3321 Datasheet HTML 7Page - RF Micro Devices RF3321 Datasheet HTML 8Page - RF Micro Devices RF3321 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary
2-3
RF3321
Rev A10 010516
3
Note 1: The enable time is determined by the value of the capacitor on pin 8 (RAMP). A higher capacitor value will
increase the enable time, but will reduce the transient voltage.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
AC Specifications, cont’d
Output Switching Transients
Maximum Gain
10
20
mVP-P
Minimum Gain
5
7
mVP-P
Output Impedance
300
Chip output impedance is nominally 300
Ω.
Differential to single-ended output conver-
sion to 75
Ω is performed in a balun with a
2:1 turns ratio, corresponding to a 4:1 imped-
ance ratio.
Input Impedance
75
Differential
Thermal
ThetaJC
28
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com