Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4102 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4102
Description  High-voltage Amplifier Transistor(120V, 50mA)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4102 Datasheet(HTML) 1 Page - Rohm

  2SC4102 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC4102 / 2SC3906K / 2SC2389S
Transistors
High-voltage Amplifier Transistor
(120V, 50mA)
2SC4102 / 2SC3906K / 2SC2389S
!
!
!
!
Features
1) High breakdown voltage. (BVCEO = 120V)
2) Complements the 2SA1579 / 2SA1514K / 2SA1038S.
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
2SC4102 / 2SC3906K
2SC2389S
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
120
120
5
50
0.2
0.3
150
−55~+150
Unit
V
V
V
mA
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
!
!
!
!
Packaging specifications and hFE
Type
2SC2389S
SPT
RS
−
TP
5000
2SC3906K
SMT3
RS
T
∗
T146
3000
2SC4102
UMT3
RS
T
∗
T106
3000
Package
hFE
Code
Marking
Basic ordering unit (pieces)
∗Denotes hFE
!
!
!
!
External dimensions (Units : mm)
ROHM : SMT3
EIAJ : SC-59
JEDEC : SOT-346
2SC3906K
(1) Emitter
(2) Base
(3) Collector
ROHM : UMT3
EIAJ : SC-70
JEDEC : SOT-323
2SC4102
(1) Emitter
(2) Base
(3) Collector
1.25
2.1
0.1Min.
Each lead has same dimensions
0.3Min.
2.8
1.6
ROHM : SPT
EIAJ : SC-72
2SC2389S
(1) Emitter
(2) Collector
(3) Base
Each lead has same dimensions
0.45
2.5
(1) (2) (3)
5
0.45
0.5
42
Taping specifications
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
120
120
5
−
−
−
180
−
−
−
−
−
−
−
−
−
140
2.5
−
−
−
0.5
0.5
0.5
560
−
−
V
V
V
µA
µA
V
−
MHz
pF
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=100V
VEB
=4V
IC/IB
=10mA/1mA
VCE
=6V, IC=2mA
VCE
=12V, IE=−2mA, f=100MHz
VCB
=12V, IE=0A, f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance


Similar Part No. - 2SC4102

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
logo
Guangdong Kexin Industr...
2SC4102 KEXIN-2SC4102 Datasheet
46Kb / 1P
High-voltage Amplifier Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4102 HTSEMI-2SC4102 Datasheet
468Kb / 1P
TRANSISTOR (NPN)
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
358Kb / 8P
NPN 50mA 120V High Voltage Amplifier transistors
logo
Galaxy Semi-Conductor H...
2SC4102 BILIN-2SC4102 Datasheet
152Kb / 3P
Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC4102

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
PNP -50mA -120V High-Voltage Amplifier Transistors
2SC4102 ROHM-2SC4102_13 Datasheet
358Kb / 8P
NPN 50mA 120V High Voltage Amplifier transistors
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V, -50mA)
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V,-50mA)
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com