Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10324 Datasheet(PDF) 3 Page - Rohm

Part # BA10324
Description  Quad ground sense operational
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10324 Datasheet(HTML) 3 Page - Rohm

  BA10324 Datasheet HTML 1Page - Rohm BA10324 Datasheet HTML 2Page - Rohm BA10324 Datasheet HTML 3Page - Rohm BA10324 Datasheet HTML 4Page - Rohm BA10324 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BA10324A / BA10324AF / BA10324AFV
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIO
—2
7
mV
RS = 50
Ω
IIO
—
5
50
nA
Ib
—
20
250
nA
VICM
0—
VCC – 1.5
VCC – 1.5
V
CMRR
65
75
—
dB
AVOI
87
100
—
dB
PSRR
65
100
—
dB
RS = 50
Ω
IQ
—
0.6
2.0
mA
VOH
——
V
RL = 2k
Ω
VOL
—
—
0.25
V
RL =
∞
Source
Sink
IOH
20
35
—
mA
VO = 0
IOL
10
20
—
mA
VO = VCC
CS
—
120
—
dB
f = 1kHz
input conversion
RL
2k
Ω, VCC = 15V
RL =
∞, on All Op - Amps
∗1
∗1 Because the first stage is configured with a PNP transistor, input bias current is from the IC.
Input offset voltage
Input offset current
Input bias current
Common-mode input voltage
Common-mode rejection ratio
High-amplitude voltage gain
Power supply voltage rejection ratio
Quiescent current
Maximum output voltage
Maximum
output current
Channel separation
•Electrical characteristic curves
1200
1000
800
600
400
200
0
0
25
50
75 85 100
125
150
AMBIENT TEMPERATURE: Ta (
°C)
Fig.1 Power dissipation vs. ambient
temperature
BA10324A
BA10324AF
BA10324AFV
2.0
1.5
1.0
0.5
010
20
30
40
POWER SUPPLY VOLTAGE: V
+ (V)
VCC
A
IQ
+
–
Fig.2 Quiescent current vs. power
supply voltage
140
120
20
100
80
60
40
0
0
10
100
1k
10k
100k
1M 10M
FREQUENCY: f (Hz)
10M
VO
2
VCC
VIN
0.1
µF
VCC
+
–
~
Fig.3 Open loop voltage gain vs.
frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com