Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10324 Datasheet(PDF) 4 Page - Rohm

Part # BA10324
Description  Quad ground sense operational
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10324 Datasheet(HTML) 4 Page - Rohm

  BA10324 Datasheet HTML 1Page - Rohm BA10324 Datasheet HTML 2Page - Rohm BA10324 Datasheet HTML 3Page - Rohm BA10324 Datasheet HTML 4Page - Rohm BA10324 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Standard ICs
BA10324A / BA10324AF / BA10324AFV
20
15
10
5
0
100
1k
10k
100k
1M
FREQUENCY: f (Hz)
100k
VO
VIN
2k
1k
7V
15V
~
+
–
Fig.4 Maximum output voltage vs.
frequency
50
40
0
– 20
0
20
40
60
80
10
20
30
AMBIENT TEMPERATURE: Ta (
°C)
Fig.5 Input bias current vs. ambient
temperature
40
0
10
20
30
40
10
20
30
POWER SUPPLY VOLTAGE: V+ (V)
Fig.6 Input bias current vs. power supply
voltage
5
3
2
4
0
0.001
0.01
0.1
1.0
10
100
1
OUTPUT SOURCE CURRENT (mA)
Fig.7 Potential difference during
power supply output vs. output
source current
0.01
0.1
1.0
10
0.001
0.01
0.1
1.0
10
100
1000
OUTPUT SINK CURRENT: IO (mA)
Fig.8 Output voltage vs. output sink
current
RL
2k
Ω
VCC = 15V
4
3
2
1
0
0
020
40
60
80
1
2
3
TIME (
µs)
Fig.9 Output response characteristics
•Operation notes
(1) Unused circuit connections
If there are any circuits which are not being used, we
recommend making connections as shown in Figure
10, with the non-inverted input pin connected to the
potential within the in-phase input voltage range (VICM).
VCC
VEE
+
–
Fig.10 Unused circuit connections
To potential
in VICM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com