Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3853BFS Datasheet(PDF) 5 Page - Rohm

Part # BA3853BFS
Description  Stereo sound controller IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3853BFS Datasheet(HTML) 5 Page - Rohm

  BA3853BFS Datasheet HTML 1Page - Rohm BA3853BFS Datasheet HTML 2Page - Rohm BA3853BFS Datasheet HTML 3Page - Rohm BA3853BFS Datasheet HTML 4Page - Rohm BA3853BFS Datasheet HTML 5Page - Rohm BA3853BFS Datasheet HTML 6Page - Rohm BA3853BFS Datasheet HTML 7Page - Rohm BA3853BFS Datasheet HTML 8Page - Rohm BA3853BFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
795
Audio ICs
BA3853BFS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, BW = 20Hz to 20kHz,
FVOL / C = MAX, TONE = ALL FLAT, FAD / C = FLAT, BAL / C = FLAT, LOUD = OFF, and MUTE = OFF)
Operating specifications
(1)
Input and output signals have the same phase.
(2)
Maximum loudness control variation occurs at
*30dB ATT. At *10dB ATT, the variation is 0dB.
(3)
For loudness operation during tone adjustment, arithmetic processing is performed with the maximum tone varia-
tion amount.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com